Electronic Components Datasheet Search
  English  ▼

X  

PDA17 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDA17
Description  17 mm Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDA17 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDA17 Datasheet HTML 1Page - Bourns Electronic Solutions PDA17 Datasheet HTML 2Page - Bourns Electronic Solutions PDA17 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PDA17 Series - 17 mm Rotary Potentiometer
Product Dimensions
PDA17-AN
L
B
DIA.
6.0
(.236)
5.0
(.196)
1.0
(.039)
17.0
(.669)
DIA.
TEETH KNURL
M7x0.75
1.5
(.059)
0.4
(.015)
1.5
(.059)
11.0
(.433)
0.4
(.015)
1.2
(.047)
2.5
(.098)
10.0
(.393)
7.5
(.295)
0.4
(.015)
9.4
(.370)
DIA.
50 °
2.8
(.110)
1
2
3
SHAFT SHOWN IN CCW POSITION
60 °
B
PDA17-VN
L
TEETH KNURL
M7x0.75
50 °
R
60 °
RECOMMENDED PCB LAYOUT
5
SHAFT SHOWN IN CCW POSITION
DIA.
17.0
(.67)
1.5
(.059)
4.3
(.169)
7.0
(.275)
4.8
(.188)
6.0
(.24)
DIA.
6.0
(.24)
1.0
(.039)
8.0
(.314)
2.4
(.094)
1.2
(.047)
9.4
(.370)
DIA.
7.5
(.295)
0.4
(.015)
2.8
(.110)
8.0
(.314)
3 PLCS.
1.5
(.059)
DIA.
1
2
3
1
2
3
SCHEMATIC
PDA17-PS25
3.5
(.137)
1.5
(.059)
7.0
(.275)
17.0
(.669)
DIA.
L
B
5.0
(.196)
M7x0.75
4.3
(.169)
21.3
(.838)
6.0
(.236)
DIA.
1.0
(.039)
TEETH KNURL
2.8
(.110)
11.8
(.464)
0.4
(.015)
7.5
(.295)
40 °
9.4
(.370)
DIA.
4.0
(.157)
2.0
(.078)
2.4
(.094)
1.2
(.047)
RECOMMENDED PCB LAYOUT
21.3
(.838)
3.3
(.129)
7.5
(.295)
DIA. HOLES
7.2
(.283)
2.2 x 1.0
(.086 x .039)
HOLES
2 PLCS.
1.0
(.039)
1.5
(.059)
DIA.
3 PLCS.
1
2
3
R
11.8
(.464)
60 °
SHAFT SHOWN IN CCW POSITION
DIMENSIONS ARE:
MM
(INCHES)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com