Electronic Components Datasheet Search
  English  ▼

X  

PDA17 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PDA17
Description  17 mm Rotary Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDA17 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PDA17 Datasheet HTML 1Page - Bourns Electronic Solutions PDA17 Datasheet HTML 2Page - Bourns Electronic Solutions PDA17 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How To Order
PDA17 - V N 20 - 102 A K
Model
Terminal Configuration
• S = Solder Lugs
• A = PC Pins vertical/
Down Facing
• V = PC Pins horizontal/
Rear Facing
• P = PC Pins
Front Facing
Switch Option
• S = Switch
• N = No Switch
Standard Shaft Length
• 15 = 15 mm
• 20 = 20 mm
• 25 = 25 mm
• 30 = 30 mm
Resistance Code (See Table)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Shaft Style
• K = Metal Knurled Shaft
18 Toothed Serration Type
• F = Metal Flatted Shaft
Other configurations or styles available.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
PDA17 Series - 17 mm Rotary Potentiometer
PDA17-PN25
L
5.0
(.196)
B
1.5
(.059)
7.0
(.275)
17.0
(.669)
DIA.
6.0
(.236)
DIA.
1.0
(.039)
TEETH KNURL
M7x0.75
4.3
(.169)
7.5
(.295)
0.4
(.015)
40 °
9.4
(.370) DIA.
2.8
(.110)
11.0
(.433)
1.2
(.047)
2.4
(.094)
3.3
(.129)
RECOMMENDED PCB LAYOUT
1.0
(.039)
7.5
(.295)
7.2
(.283)
DIA. HOLES
1
2
3
3 PLCS.
DIA.
1.5
(.059)
60 °
R
11.8
(.464)
SHAFT SHOWN IN CCW POSITION
PDA17-VS25
L
B
5.0
(.196)
5.0
(.059)
6.0
(.236)
DIA.
1.0
(.039)
TEETH KNURL
M7x0.75
7.0
(.275)
4.8
(.188)
4.3
(.169)
16.6
(.653)
4.0
(.157)
2.0
(.078)
8.0
(.314)
2.4
(.094)
9.4
(.370)
1.2
(.047)
0.4
(.015)
2.8
(.110)
16.6
(.653)
2.2
(.086)
1.5
(.059)
7.2
(.283)
1.0
(.039)
8.0
(.314)
7.5
(.295)
60 °
40 °
DIA.
RECOMMENDED PCB LAYOUT
DIA.
HOLES
SHAFT SHOWN IN CCW POSITION
R
DIA. HOLES
3 PLCS.
60 °
DIMENSIONS ARE:
MM
(INCHES)
Product Dimensions
REV. 04/06
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com