Electronic Components Datasheet Search
  English  ▼

X  

ISL23345 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL23345
Description  Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL23345 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL23345 Datasheet HTML 9Page - Renesas Technology Corp ISL23345 Datasheet HTML 10Page - Renesas Technology Corp ISL23345 Datasheet HTML 11Page - Renesas Technology Corp ISL23345 Datasheet HTML 12Page - Renesas Technology Corp ISL23345 Datasheet HTML 13Page - Renesas Technology Corp ISL23345 Datasheet HTML 14Page - Renesas Technology Corp ISL23345 Datasheet HTML 15Page - Renesas Technology Corp ISL23345 Datasheet HTML 16Page - Renesas Technology Corp ISL23345 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ISL23345
FN7872 Rev 0.00
Page 13 of 19
June 21, 2011
Functional Pin Descriptions
Potentiometers Pins
RHI AND RLI
The high (RHi, i = 0, 1, 2, 3) and low (RLi, i = 0, 1, 2, 3) terminals
of the ISL23345 are equivalent to the fixed terminals of a
mechanical potentiometer. RHi and RLi are referenced to the
relative position of the wiper and not the voltage potential on the
terminals. With WRi set to 255 decimal, the wiper will be closest
to RHi, and with the WRi set to 0, the wiper is closest to RLi.
RWI
RWi (i = 0, 1, 3) is the wiper terminal, and it is equivalent to the
movable terminal of a mechanical potentiometer. The position of
the wiper within the array is determined by the WRi register.
VCC
Power terminal for the potentiometer section analog power source.
Can be any value needed to support the voltage range of the DCP
pins, from 1.7V to 5.5V, independent of the VLOGIC voltage.
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for I2C
interface. It receives device address, wiper address and data
from an I2C external master device at the rising edge of the serial
clock SCL, and it shifts out data after each falling edge of the
serial clock.
SDA requires an external pull-up resistor, since it is an open drain
input/output.
SERIAL CLOCK (SCL)
This input is the serial clock of the I2C serial interface. SCL
requires an external pull-up resistor, since a master is an open
drain output.
DEVICE ADDRESS (A2, A1, A0)
The address inputs are used to set the least significant 3 bits of
the 7-bit I2C interface slave address. A match in the slave
address serial data stream must match with the Address input
FIGURE 21. WIPER LARGE SIGNAL SETTLING TIME
FIGURE 22. POWER-ON START-UP IN VOLTAGE DIVIDER MODE
FIGURE 23. 10k
 -3dB CUT OFF FREQUENCY
FIGURE 24. STANDBY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
SCL 9TH CLOCK OF THE
DATA BYTE (ACK)
1V/DIV
0.2µs/DIV
WIPER
SCL
0.5V/DIV
20µs/DIV
VCC
WIPER
0.5V/DIV, 0.2µs/DIV
-3dB FREQUENCY = 1.437MHz AT MIDDLE TAP
CH1: RH TERMINAL
CH2: RW TERMINAL
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-15
10
35
60
85
110
VCC = 1.7V, VLOGIC = 1.2V
VCC = 5.5V, VLOGIC = 5.5V
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com