Electronic Components Datasheet Search
  English  ▼

X  

ISL23345 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL23345
Description  Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL23345 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL23345 Datasheet HTML 1Page - Renesas Technology Corp ISL23345 Datasheet HTML 2Page - Renesas Technology Corp ISL23345 Datasheet HTML 3Page - Renesas Technology Corp ISL23345 Datasheet HTML 4Page - Renesas Technology Corp ISL23345 Datasheet HTML 5Page - Renesas Technology Corp ISL23345 Datasheet HTML 6Page - Renesas Technology Corp ISL23345 Datasheet HTML 7Page - Renesas Technology Corp ISL23345 Datasheet HTML 8Page - Renesas Technology Corp ISL23345 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL23345
FN7872 Rev 0.00
Page 2 of 19
June 21, 2011
Block Diagram
POWER UP
INTERFACE
CONTROL
AND
STATUS
LOGIC
I/O
BLOCK
GND
SCL
SDA
A0
A1
A2
VLOGIC
LEVEL
SHIFTER
WR0
VOLATILE
REGISTER
WR1
VOLATILE
REGISTER
WR2
VOLATILE
REGISTER
WR3
VOLATILE
REGISTER
RH0
RW0
RL0
RH1
RW1
RL1
RH2
RW2
RL2
RH3
RW3
RL3
VCC
Pin Configurations
ISL23345
(20 LD TSSOP)
TOP VIEW
ISL23345
(20 LD QFN)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
RL0
RW0
VCC
RH0
RL1
RW1
GND
RH1
VLOGIC
A0
RL3
RH3
RL2
RW2
RW3
RH2
SCL
SDA
A2
A1
RW1
SCL
RH2
RL2
RH0
RW2
VCC
RL1
RH1
SDA
1
2
3
4
5
78
9
10
15
14
13
12
11
20
19
18
17
6
GND
6
RH3
16
Pin Descriptions
TSSOP
QFN
SYMBOL
DESCRIPTION
1
19
RL0
DCP0 “low” terminal
220
RW0
DCP0 wiper terminal
31
VCC
Analog power supply.
Range 1.7V to 5.5V
4
2
RH0
DCP0 “high” terminal
5
3
RL1
DCP1 “low” terminal
64
RW1
DCP1 wiper terminal
7
5
RH1
DCP1 “high” terminal
8
6
GND
Ground pin
97
VLOGIC I2C bus /logic supply. Range 1.2V to 5.5V
10
8
A0
Logic Pin - Hardwire slave address pin for
I2C serial bus.
Range: VLOGIC or GND
11
9
A1
Logic Pin - Hardwire slave address pin for
I2C serial bus.
Range: VLOGIC or GND
12
10
A2
Logic Pin - Hardwire slave address pin for
I2C serial bus.
Range: VLOGIC or GND
13
11
SDA
Logic Pin - Serial bus data input/open
drain output
14
12
SCL
Logic Pin - Serial bus clock input
15
13
RH2
DCP2 “high” terminal
16
14
RW2
DCP2 wiper terminal
17
15
RL2
DCP2 “low” terminal
18
16
RH3
DCP3 “high” terminal
19
17
RW3
DCP3 wiper terminal
20
18
RL3
DCP3 “low” terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com