Electronic Components Datasheet Search
  English  ▼

X  

ISL8200AMM Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8200AMM
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMM Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8200AMM Datasheet HTML 10Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 11Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 16Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 17Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 14 of 24
June 3, 2015
Output Capacitors
The ISL8200AMMREP is designed for low output voltage ripple.
The output voltage ripple and transient requirements can be met
with bulk output capacitors (COUT) with low enough Equivalent
Series Resistance (ESR); the recommended ESR is <10mΩ.
When the total ESR is below 4mΩ, a capacitor (CFF) between
2.2nF-10nF is recommended; CFF is placed in parallel with RSET,
in between the VOUT and VOUT_SET pin. COUT can be a low ESR
tantalum capacitor, a low ESR polymer capacitor or a ceramic
capacitor. Typical output capacitance is 300µF. More decoupling
capacitors may be required to reduce noise, reduce output ripple,
and improve transient performance. The internally optimized
loop compensation provides sufficient stability margins for all
ceramic capacitor applications with a recommended total value
of 300µF per phase. Additional output filtering may be needed if
further reduction of output ripple or dynamic transient spike is
required.
Using Multiple Phases
The ISL8200AMMREP can be easily connected in parallel with
other ISL8200AMMREP modules and current share providing an
additional 10A per phase. For 2 phases, simply follow the
schematic shown in Figure 4. A rough summary shows that the
modules share VIN, VOUT, GND and have their ISHARE pins tied
together with a 10kΩ resistor to ground (per phase). When using
3 phases or more, it is recommended that you add the following
circuitry (see Figure 23) to ensure proper startup. The circuit
shown in Figure 23 ensures proper startup by injecting current
into the ISHARE line until all phases are ready to start regulating.
For additional phases, the RC time constant, using RINC­ and CG,
might have to be adjusted to increase the turn on time of the
PFET (QSHR). For 3-4 phases, these are the values, RINC = 243k,
RPH1 = 15k, QSHR = Small Signal PFET, CG = 22nF).
Functional Description
Initialization
The ISL8200AMMREP requires VCC and PVCC to be biased by a
single supply. Power-On Reset (POR) circuits continually monitor
the bias voltages (PVCC and VCC) and the voltage at the EN pin.
The POR function initiates soft-start operation 384 clock cycles
after the EN pin voltage is pulled to be above 0.8V, all input
supplies exceed their POR thresholds and the PLL locking time
expires. The enable pin can be used as a voltage monitor and to
set desired hysteresis with an internal 30µA sinking current
going through an external resistor divider. The sinking current is
disengaged after the system is enabled. This feature is especially
designed for applications that require higher input rail POR for
better undervoltage protection. For example, in 12V applications,
RUP = 53.6k and RDOWN = 5.23k will set the turn-on threshold
(VEN_RTH) to 10.6V and turn-off threshold (VEN_FTH) to 9V, with
1.6V hysteresis (VEN_HYS). These numbers are explained in
Figure 28 on page 15.
During shutdown or fault conditions, the soft-start is quickly reset
while UGATE and LGATE immediately change state (<100ns)
upon the input dropping below the POR threshold.
Soft-Start
The ISL8200AMMREP has an internal digital pre-charged
soft-start circuitry, which has a rise time inversely proportional to
the switching frequency and is determined by a digital counter
that increments with every pulse of the phase clock. The full
soft-start time from 0V to 0.6V can be estimated by Equation 5.
The ISL8200AMMREP has the ability to work under a pre-charged
output. The PWM outputs will not be fed to the drivers until the first
PWM pulse is seen. The low side MOSFET is held low for the first
clock cycle to provide charge for the bootstrap capacitor. If the
pre-charged output voltage is greater than the final target level but
less than the 113% setpoint, switching will not start until the output
voltage is reduced to the target voltage and the first PWM pulse is
generated. The maximum allowable pre-charged level is 113%. If
the pre-charged level is above 113% but below 120%, the output
will hiccup between 113% (LGATE turns on) and 87% (LGATE turns
off) while EN is pulled low. If the pre-charged load voltage is above
120% of the targeted output voltage, then the controller will be
latched off and not be able to power-up.
ISFETDRV (PHASE 2)
ISFETDRV (PHASE 3)
ISFETDRV (PHASE 1)
ADD ADDITIONAL
DIODES PER PHASE
VCC (PHASE 1)
ISHARE
QSHR
RINC
RPH1
DPH2
DPH2
CG
FIGURE 23. STARTUP CIRCUITRY
FIGURE 24. SOFT-START INITIALIZATION LOGIC
VCC POR
PVCC POR
EN POR
SOFT-START
HIGH = ABOVE POR; LOW = BELOW POR
OF MODULE
AND
384
PLL LOCKING
CYCLES
tSS
2560
fSW
--------------
=
(EQ. 5)
VOUT TARGET VOLTAGE
0.0V
tss
2560
fSW
--------------
FIRST PWM PULSE
-100mV
FIGURE 25. SOFT-START WITH VOUT = 0V
SS SETTLING AT VREF + 100mV
tss_DLY
384
fSW
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com