Electronic Components Datasheet Search
  English  ▼

X  

ISL8200AMM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8200AMM
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMM Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8200AMM Datasheet HTML 1Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 2Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 3Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 4Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 5Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 2 of 24
June 3, 2015
Pinout Internal Circuit
Ordering Information
PART NUMBER
(Notes 1, 2)
VENDOR ITEM
DRAWING
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
ISL8200AMMREP
V62/10608-02XB
ISL8200AMMREP
-55°C to +125°C
23 Ld QFN
L23.15x15
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISL8200AMM. For more information on MSL please see techbrief TB363.
PGOOD
CLKOUT
ISHARE_BUS
ISFETDRV
FSYNC_IN
PH_CNTRL
VOUT_SET
VSEN_REM-
VCC
VCC
ZCOMP1
ZCOMP2
VCC
RCC
PVCC
CF1
CF2
PVIN
RPG
VIN
EN
FF
RCLK
ISET
ISHARE
RFS
PGND1
Q1
Q2
CBOOT1
LOUT1
RISEN-IN
ROS1
RCSR
CVSEN
BOOT1
UGATE1
PHASE1
LGATE1
ISEN1A
ISEN1B
VSEN1+
VSEN1-
VOUT
PGND
PHASE
OCSET
COMP
FB1
VMON1
13
12
11
22
8
5
6
10
3
7
15
2
1
20
16
18
19
17
14
21
PGND1
4
CONTROLLER
RPHC
9
VCC
CF3
CF4
LDO
5
10k
10k
10k
59k
2.2k
2.2k
330nH
INTERNAL PGOOD
ISL8200AMMREP
MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com