Electronic Components Datasheet Search
  English  ▼

X  

BB804 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB804
Description  VHF variable capacitance double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB804 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB804 Datasheet HTML 1Page - NXP Semiconductors BB804 Datasheet HTML 2Page - NXP Semiconductors BB804 Datasheet HTML 3Page - NXP Semiconductors BB804 Datasheet HTML 4Page - NXP Semiconductors BB804 Datasheet HTML 5Page - NXP Semiconductors BB804 Datasheet HTML 6Page - NXP Semiconductors BB804 Datasheet HTML 7Page - NXP Semiconductors BB804 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Nov 25
2
Philips Semiconductors
Product specification
VHF variable capacitance double diode
BB804
FEATURES
• Selected capacitance range
• Small plastic SMD package
• C8: 26 pF; ratio: 1.7
• Low series resistance.
APPLICATIONS
• Electronic tuning in FM radio
applications.
DESCRIPTION
The BB804 is a variable capacitance
double diode with a common cathode,
fabricated in planar technology, and
encapsulated in the SOT23 small
plastic SMD package.
MARKING
TYPE NUMBER
CODE
BB804
SF5
BB804W
SF2
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
common cathode
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
2
1
3
MAM169
2
1
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
18
V
IF
continuous forward current
−
50
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com