Electronic Components Datasheet Search
  English  ▼

X  

BB804 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BB804
Description  VHF variable capacitance double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB804 Datasheet(HTML) 3 Page - NXP Semiconductors

  BB804 Datasheet HTML 1Page - NXP Semiconductors BB804 Datasheet HTML 2Page - NXP Semiconductors BB804 Datasheet HTML 3Page - NXP Semiconductors BB804 Datasheet HTML 4Page - NXP Semiconductors BB804 Datasheet HTML 5Page - NXP Semiconductors BB804 Datasheet HTML 6Page - NXP Semiconductors BB804 Datasheet HTML 7Page - NXP Semiconductors BB804 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Nov 25
3
Philips Semiconductors
Product specification
VHF variable capacitance double diode
BB804
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. VR is the value at which Cd = 38 pF.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
IR
reverse current
VR = 16 V; see Fig.3
−−
20
nA
VR = 16 V; Tj =60 °C; see Fig.3
−−
200
nA
rs
diode series resistance
f = 100 MHz; note 1
−
0.2
−Ω
Cd
diode capacitance
VR = 2 V; f = 1 MHz; see Figs 2 and 4
42
−
46.5
pF
VR = 2 V; f = 1 MHz; white 2; see Figs 2 and 4
44
−
45.5
pF
capacitance ratio
f = 1 MHz
1.65
−
1.75
C
d2V
()
C
d8V
()
------------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com