Electronic Components Datasheet Search
  English  ▼

X  

BSP75GTC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # BSP75GTC
Description  60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSP75GTC Datasheet(HTML) 7 Page - Diodes Incorporated

  BSP75GTC Datasheet HTML 1Page - Diodes Incorporated BSP75GTC Datasheet HTML 2Page - Diodes Incorporated BSP75GTC Datasheet HTML 3Page - Diodes Incorporated BSP75GTC Datasheet HTML 4Page - Diodes Incorporated BSP75GTC Datasheet HTML 5Page - Diodes Incorporated BSP75GTC Datasheet HTML 6Page - Diodes Incorporated BSP75GTC Datasheet HTML 7Page - Diodes Incorporated BSP75GTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BSP75G
Document number: DS33015 Rev. 5 - 2
7 of 8
www.diodes.com
June 2018
© Diodes Incorporated
BSP75G
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT223 (Type DN)
SOT223 (Type DN)
Dim
Min
Max
Typ
A
--
1.70
--
A1
0.01
0.15
--
A2
1.50
1.68
1.60
b
0.60
0.80
0.70
b2
2.90
3.10
--
c
0.20
0.32
--
D
6.30
6.70
--
E
6.70
7.30
--
E1
3.30
3.70
--
e
--
--
2.30
e1
--
--
4.60
L
0.85
--
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT223 (Type DN)
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
A1
A
D
b
e1
e
b2
A2
C
E
L
E1
0.25
Seating
Plane
Gauge
Plane
X1
Y1
Y
X
C
C1
Y2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com