Electronic Components Datasheet Search
  English  ▼

X  

BSP75GTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BSP75GTC
Description  60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSP75GTC Datasheet(HTML) 1 Page - Diodes Incorporated

  BSP75GTC Datasheet HTML 1Page - Diodes Incorporated BSP75GTC Datasheet HTML 2Page - Diodes Incorporated BSP75GTC Datasheet HTML 3Page - Diodes Incorporated BSP75GTC Datasheet HTML 4Page - Diodes Incorporated BSP75GTC Datasheet HTML 5Page - Diodes Incorporated BSP75GTC Datasheet HTML 6Page - Diodes Incorporated BSP75GTC Datasheet HTML 7Page - Diodes Incorporated BSP75GTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BSP75G
Document number: DS33015 Rev. 5 - 2
1 of 8
www.diodes.com
June 2018
© Diodes Incorporated
BSP75G
60V SELF-PROTECTED LOW-SIDE
INTELLIFET MOSFET SWITCH
Product Summary
Continuous Drain Source Voltage: VDS = 60V
On-State Resistance: 550m
Ω
Nominal Load Current (VIN = 5V) : 1.4A
Clamping Energy: 550mJ
Description
The BSP75G is a self-protected low-side MOSFET. It features
monolithic over temperature, over current, over voltage (active clamp)
and ESD protected logic level functionality. It is intended as a general
purpose switch.
Applications
Especially Suited for Loads with a High In-Rush Current such as
Lamps and Motors
All Types of Resistive, Inductive and Capacitive Loads in
Switching Applications
μC Compatible Power Switch for 12V and 24V DC Applications
Automotive Rated
Replaces Electromechanical Relays and Discrete Circuits
Linear Mode Capability - the current-limiting protection circuitry is
designed to de-activate at low VDS to in order not to compromise
the load current during normal operation. The maximum DC
operating current is therefore determined by the thermal
capability of the package/board combination, rather than by the
protection circuitry.
Features and Benefits
Short Circuit Protection with Auto Restart
Over Voltage Protection (Active Clamp)
Thermal Shutdown with Auto Restart
Over-Current Protection
Input Protection (ESD)
Load Dump Protection (Actively Protects Load)
Logic Level Input
High Continuous Current Rating
Lead-Free Finish; RoHS Compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
An Automotive-Compliant Part is Available Under Separate
Datasheet (BSP75GQ)
Mechanical Data
Case: SOT223 (Type DN)
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.112 grams (Approximate)
Note:
The tab is connected to the drain pin, and must be electrically isolated from the source pin. Connection of significant copper to the tab is recommended for
best thermal performance.
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
BSP75GTA
BSP75G
7
12
1,000 Units
BSP75GTC
BSP75G
13
12
4,000 Units
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Top View
SOT223 (Type DN)
Top View
Pin Out
IntelliFET is a trademark of Diodes Incorporated.
e3


Similar Part No. - BSP75GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP75GTC ZETEX-BSP75GTC Datasheet
382Kb / 8P
60V self-protected low-side IntelliFETTM MOSFET switch
More results

Similar Description - BSP75GTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP75G ZETEX-BSP75G Datasheet
382Kb / 8P
60V self-protected low-side IntelliFETTM MOSFET switch
BSP75N ZETEX-BSP75N Datasheet
644Kb / 8P
60V self-protected low-side IntellifetTM MOSFET switch
logo
Diodes Incorporated
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
BSP75GQ DIODES-BSP75GQ Datasheet
777Kb / 8P
60V SELF-PROTECTED LOW-SIDE INTELLIFET MOSFET SWITCH
June 2018 Rev. 5 - 2
BSP75N DIODES-BSP75N Datasheet
866Kb / 9P
60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
BSP75NQ DIODES-BSP75NQ Datasheet
865Kb / 9P
60V SELF-PROTECTED LOW-SIDE IntelliFET MOSFET SWITCH
June 2022 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com