Electronic Components Datasheet Search
  English  ▼

X  

ISL29124 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL29124
Description  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29124 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL29124 Datasheet HTML 8Page - Renesas Technology Corp ISL29124 Datasheet HTML 9Page - Renesas Technology Corp ISL29124 Datasheet HTML 10Page - Renesas Technology Corp ISL29124 Datasheet HTML 11Page - Renesas Technology Corp ISL29124 Datasheet HTML 12Page - Renesas Technology Corp ISL29124 Datasheet HTML 13Page - Renesas Technology Corp ISL29124 Datasheet HTML 14Page - Renesas Technology Corp ISL29124 Datasheet HTML 15Page - Renesas Technology Corp ISL29124 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ISL29124
FN8454 Rev 2.00
Page 13 of 16
January 13, 2015
Applications Information
Figure 13 shows a plot of the 1931 standard normalized spectral
response of various types of light sources for reference.
System Compensation and RGB to XYZ
Transform (Chroma Meter)
The accuracy of the RGB sensor is extremely sensitive to the
opto-mechanical design of the system in which it resides. The
compensation setting and calculation of RGB to XYZ transform
should be characterized within that environment with as many
standard illuminants as possible. A minimal recommended set
would include A, F2 and D65 illuminants (see Notes 11, 12, 13
on page 11 and “References” on page 15 about IEC 1931,
Planckian locus and standard illuminants). The two most
important opto-mechnical features are FOV (field of view FWHM)
and optical filters as example of tinted cell phone glass through
which the sensor will detect the ambient lighting. With the
combination of the FOV and a large sample for the filter
(30x30mm) it is possible to determine the best compensation
and XYZ transform coefficients. It is also possible to project the
accuracy of the measurement system.
RGB → XYZ TRANSFORM
Once the proper compensation setting is determined, measure
the RGB values of the various illuminants at this value. Calculate
the RGB to XYZ transform coefficients based on the measured
result against appropriate Chroma Meter Standard (using x and y
values).
X, Y, and Z are in the IEC system which specifies the color and
brightness of a particular homogeneous visual stimulus.
R, G, and B are digital output from the sensor.
Cs are coefficients. These coefficients will be changed
respectively depending on the system setup.
COMPENSATION
The compensation adjustment is used to balance the various
illuminants of interest (A, F2 and D65 recommended) such that
the value measured at the same power level (measured with a
Lux meter) is the closed value. Since the compensation
adjustment is piecewise linear, the proper setting can be
determined by extrapolating from a pair of measurements and
calculating the closest intersection of the sources of interest.
The Configuration register (Reg 0x02[7:0]) allows coarse tuning
B7 and fine tuning (B[5:0] of the residual infrared component
from the ALS output.
The recommended procedure for determining ALS IR
compensation is as follows:
• Illuminate the ISL29124 based design configuration with a no
IR F2 light source. Record the ALS measurement and the Lux
level.
• Illuminate the device with A, and D65 with heavy IR and the F2
light sources. Take an ALS measurement and Lux level
measurement.
• It really depends on the system setup in order to adjust the
Configuration register (Reg 0x02, B7 and B[5:0]) to
compensate for the IR contribution.
• Repeat previous steps until the IR light source contribution to
the ALS measurement is under 10% assuming there is no
change in Lux level due to IR light source.
Figure 14 example shows how to calculate the compensation for
varying levels of infrared components such as A, F2 and D65 (see
Notes 11, 12 and 13). With compensation adjustment from 0%
to 100%, the crossing point is the IR compensation value, which
makes tighter variation of varying level of infrared components.
This setup system is a sensor without IR tinted glass and
illuminates with 3 different light sources. Since it is not under IR
tinted glass, then reg0x2 setups like b7 = ‘0’ and B[5:0] is at
about 25% compensation adjust (%/range), which means about
40 codes.
FIGURE 13. 1931 STANDARD NORMALIZED SPECTRAL RESPONSE
OF LIGHT SOURCES
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
350 380 410 440 470 500 530 560 590 620 650 680 710 740 770 800 830
WAVELENGTH
RED
GREEN
BLUE
1931 STD RED
1931 STD GREEN
1931 STD BLUE
NORMALIZED TO GREEN
(EQ. 1)
X
Y
Z
CXR CXG CXB
CYR CYG CYB
CZR CZG CZB
x
R
G
B
=
FIGURE 14. IR COMPENSATION VALUE
0
2000
4000
6000
8000
10000
12000
0
20
406080
100
COMPENSATION ADJUSTMENT (% RANGE)
D65
A
F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com