Electronic Components Datasheet Search
  English  ▼

X  

ISL29124 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL29124
Description  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL29124 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL29124 Datasheet HTML 1Page - Renesas Technology Corp ISL29124 Datasheet HTML 2Page - Renesas Technology Corp ISL29124 Datasheet HTML 3Page - Renesas Technology Corp ISL29124 Datasheet HTML 4Page - Renesas Technology Corp ISL29124 Datasheet HTML 5Page - Renesas Technology Corp ISL29124 Datasheet HTML 6Page - Renesas Technology Corp ISL29124 Datasheet HTML 7Page - Renesas Technology Corp ISL29124 Datasheet HTML 8Page - Renesas Technology Corp ISL29124 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL29124
FN8454 Rev 2.00
Page 2 of 16
January 13, 2015
Block Diagram
Pin Configuration
SCL
SDA
2
3
R
INTEGRATING
ADC
CMD
Register
DATA
Register
IREF
fOSC
COMMAND
REGISTER
LIGHT DATA
PROCESS
1
GND
4
VDD
I2C/SMB
RED
GREEN BLUE
ISL29124
(4 LD COB)
TOP VIEW
SDA
SCL
VDD
GND
3
4
1
2
Pin Descriptions
PIN #
PIN NAME
DESCRIPTION
1GND
Ground pin
2SDA
I2C serial data
3SCL
I2C serial clock
4
VDD
Power supply
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TEMP RANGE
(°C)
PACKAGE
TAPE & REEL
(Pb-free)
PKG.
DWG. #
ISL29124IROZ-T7
-40 to +85
4 Ld COB
L4.2.00x1.25
ISL29124IROZ-EVALZ
Evaluation Board.
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate
- e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For more information on MSL please see tech brief TB477.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com