Electronic Components Datasheet Search
  English  ▼

X  

ISL71218MEVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL71218MEVAL1Z
Description  Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71218MEVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL71218MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
FN8921 Rev.2.00
Page 4 of 28
Jan 19, 2021
ISL71218M
Specifications
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Outgas Testing
2.3
Thermal Information
Parameter
Minimum
Maximum
Unit
Maximum Supply Voltage
42
V
Maximum Supply Voltage (Note 4)
40
V
Maximum Differential Input Current
20
mA
Maximum Differential Input Voltage
V- - 0.5
V+ + 0.5
V
Minimum/Maximum Input Voltage
V- - 0.5
V+ + 0.5
V
Minimum/Maximum Input Current
±20
mA
Output Short-Circuit Duration (1 output at a time)
Indefinite
ESD Rating
Value
Unit
Human Body Model (Tested per JS-001-2014)
5.5
kV
Machine Model (Tested per JESD22-A115-C)
300
V
Charged Device Model (Tested per JS-002-2014)
2
kV
Latch-Up (Tested per JESD78E; Class 2, Level A)
100 at +125°C
mA
Note:
4. Tested in a heavy ion environment at LET = 43MeV•cm2/mg at +125°C (TC) for SEB.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may
adversely impact product reliability and result in failures not covered by warranty.
Specification
(Tested per ASTM E595, 1.5)
Value
Unit
Total Mass Lost (Note 5)
0.06
%
Collected Volatile Condensible Material (Note 5)<0.01
%
Water Vapor Recovered
0.03
%
Note:
5. Outgassing results meet NASA requirements of total mass loss <1% and collected volatile condensible material of <0.1%.
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld SOIC Package (Notes 6, 7)
105
50
Notes:
6.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379.
7. For
JC, the case temperature location is the package top center.
Parameter
Minimum
Maximum
Unit
Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
See TB493



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com