Electronic Components Datasheet Search
  English  ▼

X  

ISL71218MEVAL1Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL71218MEVAL1Z
Description  Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71218MEVAL1Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71218MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp ISL71218MEVAL1Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
FN8921 Rev.2.00
Page 21 of 28
Jan 19, 2021
ISL71218M
Radiation Tolerance
5.1.3
Typical Radiation Performance
VS = ±15V, VCM = 0V, RL = Open, TA = +25°C, unless otherwise specified. The exposure rate for total ionizing dose was
<10mrad(Si)/sec at +25°C.
Figure 52. VOS vs TID
Figure 53. IBIAS vs TID
Figure 54. IOS vs TID
Figure 55. AVOL vs TID
Figure 56. VOH vs TID
Figure 57. VOL vs TID
-400.0
-300.0
-200.0
-100.0
0.0
100.0
200.0
300.0
400.0
0k
10k
20k
30k
PA
Total Dose (rad(Si))
Avg_Ch_A (B)
Avg_Ch_A (U)
Avg_Ch_B (B)
Avg_Ch_B (U)
Spec Min
Spec Max
-1,000.0
-800.0
-600.0
-400.0
-200.0
0.0
200.0
400.0
600.0
800.0
1,000.0
0k
10Kk
20k
30k
PA
Total Dose (rad(Si))
Avg_Pos (B)
Avg_Pos (U)
Avg_Neg (B)
Avg_Neg (U)
Spec Min
Spec Max
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
0k
10k
20k
30k
PA
Total Dose (rad(Si))
Avg_Ch_A (B)
Avg_Ch_A (U)
Avg_Ch_B (B)
Avg_Ch_B (U)
Spec Min
Spec Max
100.0
120.0
140.0
160.0
180.0
200.0
220.0
0k
10k
20k
30k
PA
Total Dose (rad(Si))
Avg_Pos (B)
Avg_Pos (U)
Avg_Neg (B)
Avg_Neg (U)
Spec Min
Spec Max
0.0
20.0
40.0
60.0
80.0
100.0
120.0
0k
10k
20k
30k
PA
Total Dose (rad(Si))
Avg_Ch_A (B)
Avg_Ch_A (U)
Avg_Ch_B (B)
Avg_Ch_B (U)
Spec Max
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0k
10k
20k
30k
PA
Total Dose (rad(Si))
Avg_Ch_A (B)
Avg_Ch_A (U)
Avg_Ch_B (B)
Avg_Ch_B (U)
Spec Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com