Electronic Components Datasheet Search
  English  ▼

X  

ISL71831SEHF/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL71831SEHF/PROTO
Description  Radiation Hardened 5V 32-Channel Analog Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71831SEHF/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL71831SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71831SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ISL71831SEH
FN8759 Rev.6.00
Page 4 of 21
Dec 8, 2022
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage (V+ to GND). . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Maximum Supply Voltage (V+ to GND) (Note 8) . . . . . . . . . . . . . . . . . . .6.3V
Analog Input Voltage Range (INX) . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to 7V
Digital Input Voltage Range (EN, Ax) . . . . . . . . . . . . . . . (GND - 0.4V) to VREF
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
ESD Tolerance
Human Body Model (Tested per MIL-STD-883 TM 3015) . . . . . . . . . 5kV
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 250V
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
48 Ld CQFP (Notes 6, 7) . . . . . . . . . . . . . . .
59
5
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3V to 5.5V
VREF to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379 for details.
7. For
JC, the “case temp” location is the center of the package underside.
8. Tested in a heavy ion environment at LET = 60MeV
•cm2/mg at +125°C.
Electrical Specifications (V+ = 5V) GND = 0V, V
REF = 3.3V, VIH = 3.3V, VIL = 0V, TA = +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range, -55°C to +125°C.; over a total ionizing dose of 75krad(Si) with exposure at a low dose
rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT
Analog Input Signal Range
VIN
0V+
V
Channel On-Resistance
rDS(ON)
V+ = 4.5V, VIN = 0V to V+
IOUT = 1mA
-40
120
Ω
rDS(ON) Match between Channels
ΔrDS(ON)
V+ = 4.5V, VIN = 0V, 2.25V, 4.5V
IOUT = 1mA
--
5
Ω
On-Resistance Flatness
rFLAT(ON)
V+ = 4.5V, VIN = 0V to V+
--
40
Ω
Switch Input Off Leakage
IIN(OFF)
V+ = 5.5V, VIN = 5V,
Unused inputs and VOUT = 0.5V
-30
-
30
nA
V+ = 5.5V, VIN = 0.5V,
Unused inputs and VOUT = 5V
-30
-
30
nA
Switch Input Off Overvoltage Leakage
IIN(OFF-OV)
V+ = 5.5V, VIN = 7V,
Unused inputs and VOUT = 0V
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
-30
-
120
nA
Post radiation, +25°C
-30
-
30
nA
Switch Input Off Leakage
with Supply Voltage Grounded
IIN(POWER-OFF)
VIN = 7V, VOUT = 0V
V+ = VEN = VREF = 0V
TA = +25°C, -55°C
-20
-
20
nA
TA = +125°C
-20
-
100
nA
Post radiation, +25°C
-20
-
20
nA
Switch Input Off Leakage
with Supply Voltage Open
IIN(POWER-OFF)
VIN = 7V, VOUT = 0V
V+ = VEN = VREF = Open,
TA = +25°C, -55°C
-20
-
20
nA
TA = +125°C
-20
-
100
nA
Post radiation, +25°C
-20
-
20
nA
Switch On Input Leakage with
Overvoltage Applied to the Input
IIN(ON-OV)
V+ = 5.5V, VIN = 7V
VOUT = Open
2.75
-
5.50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com