Electronic Components Datasheet Search
  English  ▼

X  

REC5K-AW Datasheet(PDF) 1 Page - Recom International Power

Part # REC5K-AW
Description  5 Watt 1” x 1” Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5K-AW Datasheet(HTML) 1 Page - Recom International Power

  REC5K-AW Datasheet HTML 1Page - Recom International Power REC5K-AW Datasheet HTML 2Page - Recom International Power REC5K-AW Datasheet HTML 3Page - Recom International Power REC5K-AW Datasheet HTML 4Page - Recom International Power REC5K-AW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-1
DC/DC
Converter
YEAR
arrant
3
5 Watt
1” x 1”
Single Output
REC5K-AW
Description
This series offers basic isolation of 4kVDC/1sec making it ideal for both industrial, medical, and other
sophisticated high end applications. The compact 1”x1” non-conductive plastic package ensures high
power density without compromising performance, operating with derating up to 110°C. Short circuit
protection, undervoltage lockout, and remote on/off control is standard, and the converter is certified
according to UL/IEC/EN62368-1.
Features
Regulated
Converters
• 4kVDC/1sec basic grade isolation
• Industry standard 5W 1”x1” package
• Feedback regulated output
• Derates to 110°C ambient temperature
• Wide 4:1 input
• ON/OFF control pin, UVLO, SCP
• 0% minimum load
Model Numbering
4kV Isolation
Wide Input Range
nom. Input Voltage
nom. Output Voltage
Single Output
REC5K-24 05 SAW/H4
UL62368-1 certified
C22.2 No. 62368-1-1 certified
IEC/EN62368-1 certified
CB Report
Selection Guide
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. VIN= 24VDC
9VDC
36VDC
Under Voltage Lockout (UVLO)
DC-DC ON
8.2VDC
8.8VDC
DC-DC OFF
5.4VDC
6.0VDC
Input Current
240mA
270mA
Quiescent Current
20mA
Minimum Load
0%
Startup time
50ms
ON/OFF CTRL
DC-DC ON
Open or VCTRL>1.5VDC
DC-DC OFF
Short to -VIN or <1.5VDC
Input Current on CTRL Pin
DC-DC ON
1mA
Standby Current
3mA
6mA
Internal Operating Frequency
400kHz
Output Ripple and Noise (3)
20MHz BW
240mVp-p
continued on next page
Part
Number
Input
Voltage Range
[VDC]
nom. Output
Voltage
[VDC]
Output
Current
[mA]
Efficiency
typ. (1)
[%]
max. Capacitive
Load (2)
[µF]
REC5K-2405SAW/H4
9 - 36
5
1000
77
3000
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Notes:
Note3: Measurements are made with a 0.1µF MLCC across output (low ESR)
E224736


Similar Part No. - REC5K-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5 RECOM-REC5 Datasheet
95Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC5-033SRWL RECOM-REC5-033SRWL Datasheet
79Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC5-0505DRW RECOM-REC5-0505DRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-0505DRW RECOM-REC5-0505DRW Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
REC5-0505DRWH1 RECOM-REC5-0505DRWH1 Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5K-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
10 Watt 1??x 2??Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
20 Watt 1??x 2??Single Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
20 Watt 2??x 1??Single & Dual Output
logo
RSG Electronic Componen...
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
5 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
5 Watt 4:1 regulated single & dual output
logo
Recom International Pow...
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
20 Watt 2” x 1” Single Output
REV.: 0/2022
REC30E-Z RECOM-REC30E-Z Datasheet
1Mb / 7P
30 Watt 1“ x 1“ Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com