Electronic Components Datasheet Search
  English  ▼

X  

REC5K-AW Datasheet(PDF) 3 Page - Recom International Power

Part # REC5K-AW
Description  5 Watt 1” x 1” Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5K-AW Datasheet(HTML) 3 Page - Recom International Power

  REC5K-AW Datasheet HTML 1Page - Recom International Power REC5K-AW Datasheet HTML 2Page - Recom International Power REC5K-AW Datasheet HTML 3Page - Recom International Power REC5K-AW Datasheet HTML 4Page - Recom International Power REC5K-AW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-3
DC/DC
Converter
REC5K-AW
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
hiccup mode, auto recovery
Short Circuit Input Current
nom. VIN= 24VDC
120mA max.
Isolation Voltage (5)
1 second
4kVDC
1 minute
2kVAC/50Hz
Isolation Resistance
I/P to O/P, VISO= 500VDC
1GΩ min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
50pF max.
Insulation Grade
according to 62368-1
basic
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: Refer to local safety regulations if input over-current protections is also required. Recommended fuse: slow blow type
0
200
400
600
800
1000
2
1.6
1.2
0.8
1.8
1.4
1
0.6
0.4
0.2
0
Load Current [mA]
9Vin
12Vin
24Vin
36Vin
Deviation vs. Output Current
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
refer to
“Derating Graph”
-40°C to +110°C
Maximum Case Temperature
+125°C
Operating Altitude
5000m
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
TAMB= +25°C
1408 x 103 hours
TAMB= +65°C
684 x 103 hours
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com