Electronic Components Datasheet Search
  English  ▼

X  

BB911 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BB911
Description  VHF variable capacitance diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB911 Datasheet(HTML) 3 Page - NXP Semiconductors

  BB911 Datasheet HTML 1Page - NXP Semiconductors BB911 Datasheet HTML 2Page - NXP Semiconductors BB911 Datasheet HTML 3Page - NXP Semiconductors BB911 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1996 May 03
3
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB911/A
GRAPHICAL DATA
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, full pagewidth
0
75
MRC283 - 1
10 2
10
1
10 −1
25
50
Cd
(pF)
V
R
(V)
Fig.3
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
100
0
10
MLC816
102
10 3
50
IR
(nA)
T ( C)
j
o
Fig.4
Temperature coefficient of diode
capacitance as a function of
reverse voltage; typical values.
Tj = 0 to 85 °C.
handbook, halfpage
MLC815
110
10
2
10
3
10
4
10
5
10
1
(K−1)
V (V)
R
d
TC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com