Electronic Components Datasheet Search
  English  ▼

X  

7896Z Datasheet(PDF) 1 Page - Belden Inc.

Part # 7896Z
Description  DeviceBus®, 2 Pr #1618 Str TC, XLPePP Ins, ISOA TC Brd, LSZH-TS Jkt, 600V TC-ER-ST1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7896Z Datasheet(HTML) 1 Page - Belden Inc.

  7896Z Datasheet HTML 1Page - Belden Inc. 7896Z Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 7896Z
DeviceBus®, 2 Pr #16+18 Str TC, XLPe+PP Ins, IS+OA TC Brd, LSZH-TS
Jkt, 600V TC-ER-ST1
Product Description
DeviceBus® for ODVA DeviceNet™, 2 Pair 16+18AWG (19x29+19x30) Tinned Copper, XLPE+ PP Insulation, Individual Beldfoil® & OA Tinned Copper
Braid(65%) Shield, LSZH Thermoset Outer Jacket, 600V TC-ER-ST1
Technical Specifications
Product Overview
Suitable Applications:
harsh environment, ODVA device-level communication, used with CIP (common Industrial Protocol) for control, configuration, and data collection between devices, such as sensors
and actuators, and higher level devices such as PLC, and PC in industrial automation, bus topology, etc.
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Power Pair(s) 1
16 AWG 19x29
TC - Tinned Copper
Data Pair(s)
1
18 AWG 19x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Notes
Power Pair(s) XLPE - Cross-Linked Polyethylene (Thermoset) 0.031 in (0.79 mm) Red & Black
Data Pair(s)
PP - Polypropylene
0.068 in (1.7 mm)
Blue & White Flame Retardant
Inner Shield
Element
Shield Type
Material
Coverage
Power Pair(s) Tape
Bi-Laminate (Alum+Poly) 100%
Data Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Braid
Tinned Copper (TC) 65%
16 AWG (19x29) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant, Thermoset) 0.115 in (2.92 mm) 0.646 in (16.4 mm)
Overall Cable Diameter
(Nominal):
0.646 in (16.4 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Characteristic Impedence Nom. Velocity of Prop.
Max. Current
Power Pair(s) 4.9 Ohm/1000ft (16 Ohm/km)
8 Amps per Conductor at 25ºC
Data Pair(s)
6.9 Ohm/1000ft (23 Ohm/km) 14.7 pF/ft (48.2 pF/m)
120 Ohm
75%
Nom. Outer Shield DCR:
1.8 Ohm/1000ft (5.9 Ohm/km)
High Frequency
Element
Frequency [MHz] Max. Insertion Loss (Attenuation)
Data Pair(s) 0.125
0.13 dB/100ft


Similar Part No. - 7896Z

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7896A BELDEN-7896A Datasheet
169Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,600V TC-ER
01-20-2023
7896AT5U1000 BELDEN-7896AT5U1000 Datasheet
169Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,600V TC-ER
01-20-2023
7896AT5U2000 BELDEN-7896AT5U2000 Datasheet
169Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,600V TC-ER
01-20-2023
7896AT5U500 BELDEN-7896AT5U500 Datasheet
169Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,600V TC-ER
01-20-2023
7896T BELDEN-7896T Datasheet
159Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, XLPePP Ins, ISOA TC Brd, LSZH Jkt,600V TC-ER-ST1
05-05-2023
More results

Similar Description - 7896Z

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7896A BELDEN-7896A Datasheet
169Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPP Ins, ISOA TC Brd, PVC Jkt,600V TC-ER
01-20-2023
7896T BELDEN-7896T Datasheet
159Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, XLPePP Ins, ISOA TC Brd, LSZH Jkt,600V TC-ER-ST1
05-05-2023
7897A BELDEN-7897A Datasheet
168Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVC-NYL FEP Ins, ISOA TC Brd, PVC Jkt, 600V TC-ER
01-20-2023
777896T BELDEN-777896T Datasheet
448Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, XLPePP Ins, ISOA TC Brd, LSZH Jkt,BBA, LSZH Jkt, 600V TC-ER-ST1
05-05-2023
972119Z BELDEN-972119Z Datasheet
440Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, 600V TC-ER
05-05-2023
972120Z BELDEN-972120Z Datasheet
440Kb / 1P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, 600V TC-ER
05-05-2023
972128Z BELDEN-972128Z Datasheet
440Kb / 1P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, 600V TC-ER
05-05-2023
973072Z BELDEN-973072Z Datasheet
144Kb / 2P
Blue Hose®, 1 Pr #18 Str TC, PP Ins, OSTC Brd, LSZH-TS Jkt, BBA,LSZH-TS Jkt, 600V TC-ER-LS
05-05-2023
977896Z BELDEN-977896Z Datasheet
448Kb / 2P
DeviceBus®, 2 Pr #1618 Str TC, XLPOPP Ins, ISOA TC Brd, LSZH-TS Jkt, Brnz Brd Armor, LSZH-TS Jkt, 600V TC-ER-LS
05-05-2023
2128Z BELDEN-2128Z Datasheet
159Kb / 1P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC-ER
12-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com