Electronic Components Datasheet Search
  English  ▼

X  

7896Z Datasheet(PDF) 2 Page - Belden Inc.

Part # 7896Z
Description  DeviceBus®, 2 Pr #1618 Str TC, XLPePP Ins, ISOA TC Brd, LSZH-TS Jkt, 600V TC-ER-ST1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7896Z Datasheet(HTML) 2 Page - Belden Inc.

  7896Z Datasheet HTML 1Page - Belden Inc. 7896Z Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.5
0.25 dB/100ft
1
0.40 dB/100ft
Voltage
UL Voltage Rating
600 V (TC-ER-ST1)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation
75°C Dry
-20°C to +75°C -20°C To +75°C
Bend Radius
Stationary Min. Installation Min.
6.0 in (150 mm)
6.0 in
Max. Pull Tension:
190 lbs (86 kg)
Bulk Cable Weight:
222 lbs/1000ft (330 kg/km)
Standards and Compliance
Environmental Suitability:
Indoor, Sunlight Resistance, Oil Resistance, Burial
Flammability / Reaction to
Fire:
UL 1685 UL Loading, 1202, IEC 60332-3-22
NEC / UL Compliance:
Article 336, TC-ER-ST1
AWM Compliance:
I/II A/B
Marine Compliance:
ABS Type Approval 20-HS1959654-PDA
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Other Standard
Compliance(s):
ODVA Cable V
Product Notes
Notes:
Meter marks on jacket to aid users in installation. ODVA DeviceNet is an Open DeviceNet Vendor Association, Inc. trademark.
History
Update and Revision:
Revision Number: 0.266 Revision Date: 05-05-2023
Part Numbers
Variants
Item #
Color
UPC
7896Z 0105000 Black
612825190868
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com