Electronic Components Datasheet Search
  English  ▼

X  

PDTA113EE Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PDTA113EE
Description  PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA113EE Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDTA113EE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PDTA113E_SER_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 September 2009
3 of 18
NXP Semiconductors
PDTA113E series
PNP resistor-equipped transistors; R1 = 1 k
Ω, R2 = 1 kΩ
3.
Ordering information
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PDTA113EE
SC-75
plastic surface mounted package; 3 leads
SOT416
PDTA113EK
SC-59A
plastic surface mounted package; 3 leads
SOT346
PDTA113EM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
PDTA113ES[1]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
PDTA113ET
-
plastic surface mounted package; 3 leads
SOT23
PDTA113EU
SC-70
plastic surface mounted package; 3 leads
SOT323
Table 5.
Marking codes
Type number
Marking code[1]
PDTA113EE
16
PDTA113EK
17
PDTA113EM
G4
PDTA113ES
TA113E
PDTA113ET
*15
PDTA113EU
*14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com