Electronic Components Datasheet Search
  English  ▼

X  

PDTA113EE Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTA113EE
Description  PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA113EE Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTA113EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTA113EE Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PDTA113E_SER_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 September 2009
12 of 18
NXP Semiconductors
PDTA113E series
PNP resistor-equipped transistors; R1 = 1 k
Ω, R2 = 1 kΩ
Fig 10. Package outline SOT54 variant
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max
L2
max
2.5
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54 variant
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads (on-circle)
SOT54 variant
1
2
3
L2
e1
e
e1
04-06-28
05-01-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com