Electronic Components Datasheet Search
  English  ▼

X  

PDTC143EU Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTC143EU
Description  PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EU Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC143EU Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
PNP Resistor-Equipped Transistor (RET) family in Surface-Mounted Device (SMD) plastic
packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PDTA143E series
PNP resistor-equipped transistors;
R1 = 4.7 k
, R2 = 4.7 k
Rev. 8 — 8 December 2011
Product data sheet
Table 1.
Product overview
Type number
Package
NPN
complement
Package
configuration
Nexperia JEITA
JEDEC
PDTA143EE
SOT416
SC-75
-
PDTC143EE
ultra small
PDTA143EM
SOT883
SC-101
-
PDTC143EM
leadless ultra small
PDTA143ET
SOT23
-
TO-236AB PDTC143ET
small
PDTA143EU
SOT323
SC-70
-
PDTC143EU
very small
 100 mA output current capability
 Reduces component count
 Built-in bias resistors
 Reduces pick and place costs
 Simplifies circuit design
 AEC-Q101 qualified
 Digital applications in automotive and
industrial segments
 Cost-saving alternative for BC847/857
series in digital applications
 Control of IC inputs
 Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PDTC143EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143EU PHILIPS-PDTC143EU Datasheet
53Kb / 8P
NPN resistor-equipped transistor
1999 Apr 14
PDTC143EU PHILIPS-PDTC143EU Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTC143EU NXP-PDTC143EU Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
logo
Nexperia B.V. All right...
PDTC143EU NEXPERIA-PDTC143EU Datasheet
772Kb / 11P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
1 April 2023
PDTC143EU NEXPERIA-PDTC143EU Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 10 - 8 December 2011
More results

Similar Description - PDTC143EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
PEMB13_PUMB13 PHILIPS-PEMB13_PUMB13_15 Datasheet
626Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 4-7 December 2011
PEMB15_PUMB15 PHILIPS-PEMB15_PUMB15_15 Datasheet
621Kb / 14P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
PEMH15_PUMH15 PHILIPS-PEMH15_PUMH15_15 Datasheet
623Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 5-16 December 2011
logo
Nexperia B.V. All right...
PEMB15 NEXPERIA-PEMB15 Datasheet
916Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 5 - 16 December 2011
PEMB18 NEXPERIA-PEMB18 Datasheet
723Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 5 - 21 December 2011
PDTA143Z_SER NEXPERIA-PDTA143Z_SER Datasheet
1Mb / 17P
PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
PEMD15 NEXPERIA-PEMD15_V01 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 4 - 19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com