Electronic Components Datasheet Search
  English  ▼

X  

PDTC143EU Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTC143EU
Description  PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC143EU Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC143EU Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC143EU Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTA143E_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 8 December 2011
2 of 17
Nexperia
PDTA143E series
PNP resistor-equipped transistors; R1 = 4.7 k
, R2 = 4.7 k
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
SOT23; SOT323; SOT416
1
input (base)
2
GND (emitter)
3
output (collector)
SOT883
1
input (base)
2
GND (emitter)
3
output (collector)
006aaa144
12
3
sym003
3
2
1
R1
R2
3
1
2
Transparent
top view
sym003
3
2
1
R1
R2
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PDTA143EE
SC-75
plastic surface-mounted package; 3 leads
SOT416
PDTA143EM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
 0.6  0.5 mm
SOT883
PDTA143ET
-
plastic surface-mounted package; 3 leads
SOT23
PDTA143EU
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 5.
Marking codes
Type number
Marking code[1]
PDTA143EE
01
PDTA143EM
DL
PDTA143ET
*01
PDTA143EU
*01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com