Electronic Components Datasheet Search
  English  ▼

X  

PDTC124XQB Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PDTC124XQB
Description  50 V, 100 mA PNP resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XQB Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PDTC124XQB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Nexperia
PDTA143X/123J/143Z/114Y/124XQB
series
50 V, 100 mA PNP resistor-equipped transistors
Symbol
Parameter
Conditions
Min
Typ
Max Unit
bias resistor 1 (input)
PDTA143XQB
3.3
4.7
6.1
kΩ
PDTA123JQB
1.54
2.2
2.86
kΩ
PDTA143ZQB
3.3
4.7
6.1
kΩ
PDTA114YQB
7
10
13
kΩ
R1
PDTA124XQB
[1]
15.4
22
28.6
kΩ
bias resistor ratio
PDTA143XQB
1.7
2.13
2.6
PDTA123JQB
17
21
26
PDTA143ZQB
8
10
12
PDTA114YQB
3.7
4.7
5.7
R2/R1
PDTA124XQB
[1]
1.7
2.13
2.6
fT
transition frequency
VCE = -5 V; IC = -10 mA; f = 100 MHz
[2] -
180
-
MHz
Cc
collector capacitance
VCB = -10 V; IE = ie = 0 A; f = 1 MHz
-
-
3
pF
[1] See "Section 11: Test information" for resistor calculation and test conditions
[2] Characteristics of built-in transistor
IC (mA)
-10-1
-102
-10
-1
006aac846
102
10
103
hFE
1
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 4. PDTA143XQB: DC current gain as a function of
collector current; typical values
VCE (V)
0
-5
-4
-2
-3
-1
aaa-018912
-0.04
-0.06
-0.02
-0.08
-0.1
IC
(A)
0
IB = -0.08 mA
-0.24 mA
-0.32 mA
-0.40 mA
-0.48 mA
-0.56 mA
-0.64 mA
-0.72 mA
-0.80 mA
-0.16 mA
Tamb = 25 °C
Fig. 5. PDTA143XQB: Collector current as a function of
collector-emitter voltage; typical values
PDTA143X_TO_124XQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 28 September 2021
6 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com