Electronic Components Datasheet Search
  English  ▼

X  

ISL97671 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97671
Description  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97671 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97671 Datasheet HTML 9Page - Renesas Technology Corp ISL97671 Datasheet HTML 10Page - Renesas Technology Corp ISL97671 Datasheet HTML 11Page - Renesas Technology Corp ISL97671 Datasheet HTML 12Page - Renesas Technology Corp ISL97671 Datasheet HTML 13Page - Renesas Technology Corp ISL97671 Datasheet HTML 14Page - Renesas Technology Corp ISL97671 Datasheet HTML 15Page - Renesas Technology Corp ISL97671 Datasheet HTML 16Page - Renesas Technology Corp ISL97671 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
FN7631 Rev.4.00
Page 13 of 27
Sep 7, 2017
ISL97671
The ISL97671 allows the user to program the amount of phase
shift degree in 7-bit resolution, as shown in Figure 24. To enable
programmable phase shifting, the user must write to the Phase
Shift Control register with EqualPhase = 0 and the desirable
phase shift value of PhaseShift[6:0]. The delay between CH5 and
the repeated CH0 is the rest of the PWM cycle.
Switching Frequency
The default switching frequency is 600kHz but it can be selected
to 600kHz or 1.2MHz if the SMBus/I2C communications is used.
The switching frequency select bit is accessible in the SMBus/I2C
Configuration Register 0x08 bit 2.
5V Low Dropout Regulator
A 5V LDO regulator is present at the VDC pin to develop the
necessary low voltage supply, which is used by the chips internal
control circuitry. Because VDC is an LDO pin, it requires a bypass
capacitor of 1µF or more for the regulation. Low input voltage also
allows only lower output voltage applications only with the
maximum boost ratio defined in “Components Selections” on
page 24. The VDC pin can be used as a coarse reference with a few
mA sourcing capability.
In-rush Control and Soft-start
The ISL97671 has separately built in independent in-rush control and
soft-start functions. The in-rush control function is built around the
short circuit protection FET, and is only available in applications, which
include this device. At start-up, the fault protection FET is turned on
slowly due to a 30µA pull-down current output from the FAULT pin.
This discharges the fault FET's gate-source capacitance, turning on
the FET in a controlled fashion. As this happens, the output capacitor
is charged slowly through the weakly turned on FET before it becomes
fully enhanced. This results in a low in-rush current. This current can
be further reduced by adding a capacitor (in the 1nF to 5nF range)
across the gate-source terminals of the FET.
Once the chip detects that the fault protection FET is turned on
hard, it is assumed that in-rush has completed. At this point, the
boost regulator will begin to switch and the current in the
inductor will ramp-up. The current in the boost power switch is
monitored and the switching is terminated in any cycle where the
current exceeds the current limit. The ISL97671 includes a soft-
start feature where this current limit starts at a low value
(275mA). This is stepped up to the final 2.2A current limit in 7
further steps of 275mA. These steps will happen over at least
8ms, and will be extended at low LED PWM frequencies if the
LED duty cycle is low. This allows the output capacitor to be
charged to the required value at a low current limit and prevents
high input current for systems that have only a low to medium
output current requirement.
For systems with no master fault protection FET, the in-rush
current will flow towards COUT when VIN is applied and it is
determined by the ramp rate of VIN and the values of COUT and L.
Fault Protection and Monitoring
The ISL97671 features extensive protection functions to cover all
the perceivable failure conditions. The failure mode of a LED can
be either open circuit or as a short. The behavior of an open
circuited LED can additionally take the form of either infinite
resistance or, for some LEDs, a zener diode, which is integrated
into the device in parallel with the now opened LED.
For basic LEDs (which do not have built-in zener diodes), an open
circuit failure of an LED will only result in the loss of one channel
of LEDs without affecting other channels. Similarly, a short circuit
condition on a channel that results in that channel being turned
off does not affect other channels unless a similar fault is
FIGURE 22. 6 EQUAL PHASE CHANNELS PHASE SHIFT
ILLUSTRATION
ILED0
ILED1
ILED2
ILED3
ILED4
ILED5
ILED0
tON
tOFF
PWMI
60%
40%
tFPWM
60%
40%
tD1
tD1
tD1
tD1
tD1
tD2
FIGURE 23. 4 EQUAL PHASE CHANNELS PHASE SHIFT
ILLUSTRATION
ILED1
ILED2
ILED3
ILED4
ILED1
tON
tOFF
PWMI
60%
40%
60%
40%
tD1
t
D1
t
D1
t
D2
tFPWM
(t
PWMout)
tPWMin
tD1 = Fixed Delay with Integer only while the decimal value will be discarded (eg. 63.75=63)
FIGURE 24. PHASE SHIFT WITH 7-BIT PROGRAMMABLE DELAY
ILED0
ILED1
ILED2
ILED3
ILED4
ILED5
tPD
tPD
tPD
tPD
tPD
tON
tOFF
tFPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com