| Electronic Components Datasheet Search |
|
ISL97671 Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL97671 Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 27 page ![]() FN7631 Rev.4.00 Page 23 of 27 Sep 7, 2017 ISL97671 Output Channel Mask/Fault Readout Register (0x09) This register can be read or write; the bit position corresponds to the channel. For example, Bit 0 corresponds to Ch0 and bit 5corresponds to Ch5 and so on. Writing data to this register, it enables the channels of interest. When reading data from this register, any disabled channel and any faulted out channel will read as 0. This allows the user to determine which channel is faulty and optionally not enabling it in order to allow the rest of the system to continue to function. Additionally, a faulted out channel can be disabled and re-enabled in order to allow a retry for any faulty channel without having to power-down the other channels. The bit assignment is shown in Figure 36. The default for Register 0x09 is 0x3F. Phase Shift Control Register (0x0A) The Phase Shift Control register is used to set phase delay between each channels. When bit 7 is set high, the phase delay is set by the number of channels enabled and the PWM frequency. Refer to Figures 4 and 5, the delay time is defined by Equation 17: where N is the number of channels enabled, and tFPWM is the period of the PWM cycle. When bit 7 is set low, the phase delay is set by bits 6 to 0 and the PWM frequency. Referencing Figure 24, the programmable delay time is defined by Equation 18: where PS is an integer from 0 to 127, and tFPWM is the period of the PWM cycle. By default, all the register bits are set low, which sets zero delay between each channel. Note that the user should not program the register to give more than one period of the PWM cycle delay between the first and last enabled channels. tD1 tFPWM N = (EQ. 17) tPD PS 6 0 xt FPWM 255 = (EQ. 18) FIGURE 36. OUTPUT CHANNEL REGISTER REGISTER 0x09 OUTPUT CHANNEL REGISTER Reserved Reserved CH5 CH4 CH3 CH2 CH1 CH0 Bit 7 (R/W) Bit 6 (R/W) Bit 5 (R/W) Bit 4 (R/W) Bit 3 (R/W) Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W) BIT ASSIGNMENT BIT FIELD DEFINITIONS CH[5..0] CH5 = Channel 5, CH4 = Channel 4 and so on FIGURE 37. DESCRIPTIONS OF PHASE SHIFT CONTROL REGISTER REGISTER 0x0A PHASE SHIFT CONTROL REGISTER EQUALPHASE PHASESHIFT6 PHASESHIFT5 PHASESHIFT4 PHASESHIFT3 PHASESHIFT2 PHASESHIFT1 PHASESHIFT0 Bit 7 (R/W) Bit 6 (R/W) Bit 5 (R/W) Bit 4 (R/W) Bit 3 (R/W) Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W) BIT ASSIGNMENT BIT FIELD DEFINITIONS EqualPhase Controls phase shift mode - When 0, phase shift is defined by PhaseShift<6:0>. When 1, phase shift is 360/N (where N is the number of channels enabled). PhaseShift[6..0] 7-bit Phase shift setting - phase shift between each channel is PhaseShift<6:0>/(255*PWMFreq) In direct PWM modes, phase shift between each channel is PhaseShift<6:0>/12.8MHz |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |