Electronic Components Datasheet Search
  English  ▼

X  

BC108 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC108
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC108 Datasheet(HTML) 5 Page - NXP Semiconductors

  BC108 Datasheet HTML 1Page - NXP Semiconductors BC108 Datasheet HTML 2Page - NXP Semiconductors BC108 Datasheet HTML 3Page - NXP Semiconductors BC108 Datasheet HTML 4Page - NXP Semiconductors BC108 Datasheet HTML 5Page - NXP Semiconductors BC108 Datasheet HTML 6Page - NXP Semiconductors BC108 Datasheet HTML 7Page - NXP Semiconductors BC108 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Sep 03
5
Philips Semiconductors
Product specification
NPN general purpose transistors
BC107; BC108; BC109
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT18/13
TO-18
B11/C7 type 3
97-04-18
a
α
k
D
A
L
seating plane
b
D1
0
5
10 mm
scale
Metal-can cylindrical single-ended package; 3 leads
SOT18/13
w
A
M
M
B M
A
1
2
3
j
B
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
UNIT
w
mm
5.31
4.74
0.47
0.41
5.45
5.30
4.70
4.55
1.03
0.94
1.1
0.9
15.0
12.7
α
0.40
45
°
Aa
b
D
D1
jk
L
2.54



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com