Electronic Components Datasheet Search
  English  ▼

X  

BC141 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC141
Description  NPN medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC141 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC141 Datasheet HTML 1Page - NXP Semiconductors BC141 Datasheet HTML 2Page - NXP Semiconductors BC141 Datasheet HTML 3Page - NXP Semiconductors BC141 Datasheet HTML 4Page - NXP Semiconductors BC141 Datasheet HTML 5Page - NXP Semiconductors BC141 Datasheet HTML 6Page - NXP Semiconductors BC141 Datasheet HTML 7Page - NXP Semiconductors BC141 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 May 12
2
Philips Semiconductors
Product specification
NPN medium power transistors
BC140; BC141
FEATURES
• High current (max. 1 A)
• Low voltage (max. 60 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN medium power transistor in a TO-39 metal package.
PNP complements: BC160 and BC161.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-39) and symbol.
handbook, halfpage
3
1
2
MAM317
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC140
−−
80
V
BC141
−−
100
V
VCEO
collector-emitter voltage
open base
BC140
−−
40
V
BC141
−−
60
V
ICM
peak collector current
−−
1.5
A
Ptot
total power dissipation
Tcase ≤ 45 °C
−−
3.7
W
hFE
DC current gain
IC = 100 mA; VCE =1V
BC140-10; BC141-10
63
100
160
BC140-16; BC141-16
100
160
250
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz 50
−−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com