Electronic Components Datasheet Search
  English  ▼

X  

BC141 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC141
Description  NPN medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC141 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC141 Datasheet HTML 1Page - NXP Semiconductors BC141 Datasheet HTML 2Page - NXP Semiconductors BC141 Datasheet HTML 3Page - NXP Semiconductors BC141 Datasheet HTML 4Page - NXP Semiconductors BC141 Datasheet HTML 5Page - NXP Semiconductors BC141 Datasheet HTML 6Page - NXP Semiconductors BC141 Datasheet HTML 7Page - NXP Semiconductors BC141 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 May 12
4
Philips Semiconductors
Product specification
NPN medium power transistors
BC140; BC141
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =60V
−
10
100
nA
IE = 0; VCB =60V; Tj = 150 °C
−
10
100
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
IC = 100 µA; VCE =1V
BC140-10; BC141-10
−
40
−
BC140-16; BC141-16
−
90
−
hFE
DC current gain
IC = 100 mA; VCE =1V
BC140-10; BC141-10
63
100
160
BC140-16; BC141-16
100
160
250
hFE
DC current gain
IC = 1 A; VCE =1V
BC140-10; BC141-10
−
20
−
BC140-16; BC141-16
−
30
−
VCEsat
collector-emitter saturation voltage
IC = 1 A; IB = 100 mA
−
0.6
1
V
VBE
base-emitter voltage
IC = 1 A; VCE =1V
−
1.2
1.8
V
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−−
25
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−−
80
pF
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz 50
−−
MHz
Switching times (between 10% and 90% levels)
ton
turn-on time
ICon = 100 mA; IBon = 5 mA;
IBoff = −5mA
−−
250
ns
toff
turn-off time
−−
850
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com