Electronic Components Datasheet Search
  English  ▼

X  

B32620 Datasheet(PDF) 8 Page - EPCOS

Part # B32620
Description  Metallized Polypropylene Film Capacitors (MKP) Plastic Case
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32620 Datasheet(HTML) 8 Page - EPCOS

Back Button B32620 Datasheet HTML 4Page - EPCOS B32620 Datasheet HTML 5Page - EPCOS B32620 Datasheet HTML 6Page - EPCOS B32620 Datasheet HTML 7Page - EPCOS B32620 Datasheet HTML 8Page - EPCOS B32620 Datasheet HTML 9Page - EPCOS B32620 Datasheet HTML 10Page - EPCOS B32620 Datasheet HTML 11Page - EPCOS B32620 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
124 12/00
MKP
Permissible ac voltage Vrms versus frequency f
Lead spacing 7,5 mm
160 Vdc / 90 Vac
250 Vdc / 140 Vac
400 Vdc / 200 Vac
630 Vdc / 400 Vac
KMK0744-H
10
Vrms
f
50
100
1000
500
Hz
6
10
5
10
4
10
3
10
2
10
0,15 µF
0,1 µF
22 nF
Vac
KMK0550-E
Vrms
f
Hz
5
10
4
10
3
10
2
10
10
6
10
50
100
500
ac
V
1000
22 nF
0,10 µF
KMK0554-C
f
Hz
5
10
4
10
3
10
2
10
10
6
10
50
100
500
1000
Vac
Vrms
6,8 nF
15 nF
33 nF
KMK0553-4
f
Hz
5
10
4
10
3
10
2
10
10
6
10
50
100
500
1000
Vac
Vrms
3,3 nF
6,8 nF
15 nF
1,5 nF
B32 620
7,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com