Electronic Components Datasheet Search
  English  ▼

X  

B32620 Datasheet(PDF) 1 Page - EPCOS

Part # B32620
Description  Metallized Polypropylene Film Capacitors (MKP) Plastic Case
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32620 Datasheet(HTML) 1 Page - EPCOS

  B32620 Datasheet HTML 1Page - EPCOS B32620 Datasheet HTML 2Page - EPCOS B32620 Datasheet HTML 3Page - EPCOS B32620 Datasheet HTML 4Page - EPCOS B32620 Datasheet HTML 5Page - EPCOS B32620 Datasheet HTML 6Page - EPCOS B32620 Datasheet HTML 7Page - EPCOS B32620 Datasheet HTML 8Page - EPCOS B32620 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
117 12/00
MKP stacked-film capacitors
Smallest possible dimensions
Construction
I Dielectric: polypropylene
I Stacked-film technology
I Plastic case (UL 94 V-0)
I Epoxy resin sealing
Features
I Very high pulse strength
I Very good self-healing properties
I Smallest possible dimensions
I High contact reliability
Typical applications
I Energy-saving lamps
I TV S-correction
I High pulse load applications
I AC applications
Terminals
I Parallel wire leads, tinned
I Also available with (3,2
± 0,3) mm lead length
Marking
Manufacturer’s logo,
lot number, style and type (P621) for lead spacing 10 mm,
style (MKP) for lead spacing 7,5 mm,
rated capacitance (coded),
capacitance tolerance (code letter),
rated dc voltage,
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter “Taping and packing”, page 274.
Dimensions in mm
Lead spacing
± 0,4
Diameter d1
Type
7,5
0,5
B 32 620
10
0,51)/0,6
B 32 621
1) 0,5 mm for capacitor width b = 4 mm
B32 620
Metallized Polypropylene Film Capacitors (MKP)
B32 621
Plastic Case


Similar Part No. - B32620

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
525Kb / 30P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32620 EPCOS-B32620 Datasheet
616Kb / 19P
Film Capacitors
August 2004
B32620A0152 EPCOS-B32620A0152 Datasheet
525Kb / 30P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32620A0152 TDK-B32620A0152 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
EPCOS
B32620A0222 EPCOS-B32620A0222 Datasheet
525Kb / 30P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32620

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
Metallized Polypropylene Film Capacitors (MKP)
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com