Electronic Components Datasheet Search
  English  ▼

X  

B45196P Datasheet(PDF) 8 Page - EPCOS

Part # B45196P
Description  Tantalum Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196P Datasheet(HTML) 8 Page - EPCOS

Back Button B45196P Datasheet HTML 3Page - EPCOS B45196P Datasheet HTML 4Page - EPCOS B45196P Datasheet HTML 5Page - EPCOS B45196P Datasheet HTML 6Page - EPCOS B45196P Datasheet HTML 7Page - EPCOS B45196P Datasheet HTML 8Page - EPCOS B45196P Datasheet HTML 9Page - EPCOS B45196P Datasheet HTML 10Page - EPCOS B45196P Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
62
10/02
Tantalum Chip Capacitors
Performance – High Reliability 150
°C
10
(6,3)
[5]
1,5
A
0,045
0,5
6,5
B45196P2155+10*
2,2
A
0,045
0,5
4,6
B45196P2225+10*
3,3
A
0,045
0,5
3,6
B45196P2335+10*
4,7
A
0,045
0,5
2,9
B45196P2475+10*
4,7
B
0,045
0,5
2,7
B45196P2475+20*
6,8
A
0,045
0,7
2,7
B45196P2685+10*
6,8
B
0,045
0,7
2,1
B45196P2685+20*
10
B
0,045
1,0
1,8
B45196P2106+20*
10
C
0,045
1,0
1,7
B45196P2106+30*
15
B
0,045
1,5
1,5
B45196P2106+20*
15
C
0,045
1,5
1,4
B45196P2156+30*
22
C
0,045
2,2
1,1
B45196P2226+30*
33
D
0,045
3,3
0,8
B45196P2336+40*
47
C
0,045
4,7
0,8
B45196P2476+30*
47
D
0,045
4,7
0,6
B45196P2476+40*
68
D
0,045
6,8
0,6
B45196P2686+40*
100
D
0,06
10
0,6
B45196P2107+40*
150
E
0,06
15
0,5
B45196P2157+50*
16
(10)
[8]
1,0
A
0,030
0,5
6,5
B45196P3105+10*
1,5
A
0,045
0,5
5,2
B45196P3155+10*
2,2
A
0,045
0,5
4,3
B45196P3225+10*
3,3
A
0,045
0,6
3,4
B45196P3335+10*
3,3
B
0,045
0,6
3,0
B45196P3335+20*
4,7
B
0,045
0,8
2,1
B45196P3475+20*
6,8
B
0,045
1,1
1,8
B45196P3685+20*
6,8
C
0,045
1,1
1,7
B45196P3685+30*
10
C
0,045
1,6
1,4
B45196P3106+30*
15
C
0,045
2,4
1,1
B45196P3156+30*
22
C
0,045
3,6
1,0
B45196P3226+30*
22
D
0,045
3,6
0,8
B45196P3226+40*
33
D
0,045
5,3
0,7
B45196P3336+40*
47
D
0,045
7,5
0,6
B45196P3476+40*
Upon request
VR
up to 85 °C
(up to 125°C)
[up to 150 °C]
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ω
Ordering code 1)
Tinned terminals
1) Replace 196P by 198P for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45196P, B45198P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com