Electronic Components Datasheet Search
  English  ▼

X  

B45196P Datasheet(PDF) 9 Page - EPCOS

Part # B45196P
Description  Tantalum Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196P Datasheet(HTML) 9 Page - EPCOS

Back Button B45196P Datasheet HTML 3Page - EPCOS B45196P Datasheet HTML 4Page - EPCOS B45196P Datasheet HTML 5Page - EPCOS B45196P Datasheet HTML 6Page - EPCOS B45196P Datasheet HTML 7Page - EPCOS B45196P Datasheet HTML 8Page - EPCOS B45196P Datasheet HTML 9Page - EPCOS B45196P Datasheet HTML 10Page - EPCOS B45196P Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
63
10/02
Tantalum Chip Capacitors
Performance – High Reliability 150
°C
20
(13)
[10]
0,68
A
0,030
0,5
7,8
B45196P4684+10*
1,0
A
0,030
0,5
5,9
B45196P4105+10*
1,5
A
0,045
0,5
5,2
B45196P4155+10*
2,2
B
0,045
0,5
3,6
B45196P4225+20*
3,3
B
0,045
0,7
2,7
B45196P4335+20*
4,7
B
0,045
1,0
1,9
B45196P4475+20*
4,7
C
0,045
1,0
1,7
B45196P4475+30*
6,8
C
0,045
1,4
1,3
B45196P4685+30*
10
C
0,045
2,0
1,1
B45196P4106+30*
15
C
0,045
3,0
1,0
B45196P4156+30*
15
D
0,045
3,0
0,9
B45196P4156+40*
22
D
0,045
4,4
0,7
B45196P4226+40*
33
D
0,045
6,6
0,6
B45196P4336+40*
25
(16)
[12,5]
0,47
A
0,030
0,5
8,5
B45196P5474+10*
0,68
A
0,030
0,5
6,5
B45196P5684+10*
1,0
A
0,030
0,5
5,2
B45196P5105+10*
1,5
B
0,045
0,5
4,2
B45196P5155+20*
2,2
B
0,045
0,6
3,0
B45196P5225+20*
3,3
C
0,045
0,9
2,0
B45196P5335+30*
4,7
C
0,045
1,2
1,6
B45196P5475+30*
6,8
C
0,045
1,7
1,4
B45196P5685+30*
6,8
D
0,045
1,7
1,1
B45196P5685+40*
10
C
0,045
2,5
1,1
B45196P5106+30*
10
D
0,045
2,5
0,9
B45196P5106+40*
15
D
0,045
3,8
0,7
B45196P5156+40*
22
D
0,045
5,5
0,6
B45196P5226+40*
VR
up to 85 °C
(up to 125°C)
[up to 150 °C]
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ω
Ordering code 1)
Tinned terminals
1) Replace 196P by 198P for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45196P, B45198P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com