Electronic Components Datasheet Search
  English  ▼

X  

DLPC3436 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3436
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3436 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC3436 Datasheet HTML 28Page - Texas Instruments DLPC3436 Datasheet HTML 29Page - Texas Instruments DLPC3436 Datasheet HTML 30Page - Texas Instruments DLPC3436 Datasheet HTML 31Page - Texas Instruments DLPC3436 Datasheet HTML 32Page - Texas Instruments DLPC3436 Datasheet HTML 33Page - Texas Instruments DLPC3436 Datasheet HTML 34Page - Texas Instruments DLPC3436 Datasheet HTML 35Page - Texas Instruments DLPC3436 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
7.3.5 Content Adaptive Illumination Control (CAIC)
Content Adaptive Illumination control (CAIC) is part of the IntelliBright® suite of advanced image processing
algorithms that adaptively enhances brightness and reduces power. In common, real-world image content, most
pixels in the images are well below fullscale for the for the R (red), G (green), and B (blue) digital channels input
to the DLPC34xx. As a result of this, the average picture level (APL) for the overall image is also well below full
scale, and the dynamic range for the collective set of pixel values is not fully used. CAIC takes advantage of the
headroom between the source image APL and the top of the available dynamic range of the display system.
CAIC evaluates images on a frame-by-frame basis and derives three unique digital gains, one for each of the R,
G, and B color channel. During image processing, CAIC applies each gain to all pixels in the associated color
channel. The calculated gain is applied to all pixels in that channel so that the pixels as a group collectively shift
upward and as close to full scale as possible. To prevent any image quality degradation, the gains are set at
the point where just a few pixels in each color channel are clipped. The Source Pixels for a Color Channel and
Pixels for a Color Channel After CAIC Processing figures below show an example of the application of CAIC for
one color channel.
APL Headroom
Single-pixel
Headroom
Time
255
110
(1) APL = 110
.
Figure 7-5. Source Pixels for a Color Channel
Clipped
to 255
Time
255
166
(1) APL = 166
(2) Channel gain = 166/110 = 1.51
Figure 7-6. Pixels for a Color Channel After CAIC
Processing
Above, Figure 7-6 shows the gain that is applied to a color processing channel inside the DLPC34xx.
Additionally, CAIC adjusts the power for the R, G, and B LED by commanding different LED currents. For
each color channel of an individual frame, CAIC intelligently determines the optimal combination of digital gain
and LED power. The user configurable CAIC settings heavily influence the amount of digital gain that is applied
to a color channel and the LED power for that color.
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com