Electronic Components Datasheet Search
  English  ▼

X  

DLPC3436 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3436
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3436 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DLPC3436 Datasheet HTML 48Page - Texas Instruments DLPC3436 Datasheet HTML 49Page - Texas Instruments DLPC3436 Datasheet HTML 50Page - Texas Instruments DLPC3436 Datasheet HTML 51Page - Texas Instruments DLPC3436 Datasheet HTML 52Page - Texas Instruments DLPC3436 Datasheet HTML 53Page - Texas Instruments DLPC3436 Datasheet HTML 54Page - Texas Instruments DLPC3436 Datasheet HTML 55Page - Texas Instruments DLPC3436 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
(2)
The crystal bias is determined by the controllers VCC_INTF voltage rail, which is variable (not the VCC18 rail).
If an external oscillator is used, then the oscillator output must drive the PLL_REFCLK_I pin on the DLPC34xx
controller, and the PLL_REFCLK_O pin must be left unconnected.
Table 10-3. Recommended Crystal Parts
MANUFACTURER
(1) (2)
PART NUMBER
SPEED
(MHz)
TEMPERATURE
AND AGING
(ppm)
MAXIMUM
ESR (Ω)
LOAD
CAPACITANCE
(pF)
PACKAGE
DIMENSIONS
(mm)
KDS
DSX211G-24.000M-8pF-50-50
24
±50
120
8
2.0 × 1.6
Murata
XRCGB24M000F0L11R0
24
±100
120
6
2.0 × 1.6
NDK
NX2016SA 24M
EXS00A-CS05733
24
±145
120
6
2.0 × 1.6
(1)
The crystal devices in this table have been validated to work with the DLPC34xx controller. Other devices may also be compatible but
have not necessarily been validated by TI.
(2)
Operating temperature range: –30°C to 85°C for all crystals.
10.1.3 Unused Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, TI recommends tying unused
controller input pins through a pullup resistor to its associated power supply or a pulldown resistor to ground.
For controller inputs with internal pullup or pulldown resistors, it is unnecessary to add an external pullup or
pulldown unless specifically recommended. Note that internal pullup and pulldown resistors are weak and should
not be expected to drive an external device. The DLPC34xx controller implements very few internal resistors and
are listed in the tables found in the Pin Configuration and Functions section. When external pullup or pulldown
resistors are needed for pins that have weak pullup or pulldown resistors, choose a maximum resistance of 8
kΩ.
Never tie unused output-only pins directly to power or ground. Leave them open.
When possible, TI recommends that unused bidirectional I/O pins are configured to their output state such that
the pin can remain open. If this control is not available and the pins may become an input, then include an
appropriate pullup (or pulldown) resistor.
10.1.4 DMD Control and Sub-LVDS Signals
Table 10-4. Maximum Pin-to-Pin PCB Interconnect Recommendations
DMD BUS SIGNAL(1) (2)
SIGNAL INTERCONNECT TOPOLOGY
UNIT
SINGLE-BOARD SIGNAL
ROUTING LENGTH
MULTI-BOARD SIGNAL
ROUTING LENGTH
DMD_HS_CLK_P
DMD_HS_CLK_N
6.0
(152.4)
See (3)
in
(mm)
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com