Electronic Components Datasheet Search
  English  ▼

X  

DLPC3426 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLPC3426
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3426 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3426 Datasheet HTML 1Page - Texas Instruments DLPC3426 Datasheet HTML 2Page - Texas Instruments DLPC3426 Datasheet HTML 3Page - Texas Instruments DLPC3426 Datasheet HTML 4Page - Texas Instruments DLPC3426 Datasheet HTML 5Page - Texas Instruments DLPC3426 Datasheet HTML 6Page - Texas Instruments DLPC3426 Datasheet HTML 7Page - Texas Instruments DLPC3426 Datasheet HTML 8Page - Texas Instruments DLPC3426 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
DLPC3436 and DLPC3426 Display Controllers
1 Features
• Display controllers for the DLP230NP or
DLP230NPSE (.23 1080p) DMD
– Supports input resolutions up to 1080p
– Low-power DMD interface
• Input frame rates up to 240 Hz (60 Hz at 1080p
resolution)
• Pixel data processing, including:
– IntelliBright™ suite of image processing
algorithms
• Content adaptive illumination control (CAIC)
• Local area brightness boost (LABB)
– 1D Keystone correction
– Color coordinate adjustment
– 4:2:2 to 4:4:4 chroma interpolation
• 24-bit, input pixel interface support:
– Parallel interface protocol
– Pixel clock up to 155 MHz
– Multiple input pixel data format options
• External flash support
• Auto DMD parking at power down
• Embedded frame memory (eDRAM)
• System features; including:
– I2C device control
– Programmable splash screens
– Programmable LED current control
• Pair with the DLPA2000, DLPA2005, DLPA3000,
or DLPA3005 PMIC (power management
integrated circuit) and LED driver
2 Applications
• DLP signage
• Mobile projector
• Mobile smart TV
• Tablet (multimedia)
• Augmented reality glasses
• Smart home displays
• Pico projectors
3 Description
The DLPC3436 and DLPC3426 display controllers,
components of the DLP230NP or DLP230NPSE .23
1080p chipset, support reliable operation of the
DLP230NP/NPSE digital micromirror device (DMD).
The DLPC34x6 controller provides a convenient,
multifunctional interface between system electronics
and the DMD, enabling a small form factor, low power,
and full HD displays.
Visit the Getting Started with TI DLP® PicoTM
Display Technology page to learn more about DMD
technology.
The DLP230NP/NPSE .23 1080p chipset includes
established resources to help the user accelerate the
design cycle, which include production ready optical
modules, optical modules manufactures, and design
houses.
Device Compatibility
CONTROLLER
DMD
DESCRIPTION
DLPC3436
DLP230NP
Higher brightness
DLPC3426
DLP230NPSE
Lower brightness
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DLPC3436
NFBGA (176)
7.00 mm × 7.00 mm
DLPC3426
NFBGA (176)
7.00 mm × 7.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Illumination
optics
DLPC3436
DMD
DLPA200x
VBIAS, VOFFSET,
VRESET
SYSPWR
Sub-LVDS
HOST_IRQ
I
2
C
Parallel (28)
SUB_FRAME
VLED
CTRL
RLIM
1.8 V external
1.8 V
PROJ_ON
VCC_18
VCC_INTF
VCC_FLSH
1.8 V
VDD
SPI (4)
SPI0
SPI1
RESETZ
PARKZ
GPIO_8
1.8 V
FPGA
I
2
C
ACT_SYNC
Parallel
(28)
FPD-
Link
Actuator
Drive
Circuit
DAC_DATA,
DAC_CLK
Typical, Simplified System
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPC3426

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3420 TI-DLPC3420 Datasheet
1Mb / 63P
DLPC3420 Display Controller
DLPS232 ??OCTOBER 2021
DLPC3420CZVB TI-DLPC3420CZVB Datasheet
1Mb / 63P
DLPC3420 Display Controller
DLPS232 ??OCTOBER 2021
DLPC3420ZVB TI-DLPC3420ZVB Datasheet
1Mb / 63P
DLPC3420 Display Controller
DLPS232 ??OCTOBER 2021
DLPC3421 TI-DLPC3421 Datasheet
1Mb / 63P
DLPC3421 Display Controller
DLPS231 ??OCTOBER 2021
DLPC3421CZVB TI-DLPC3421CZVB Datasheet
1Mb / 63P
DLPC3421 Display Controller
DLPS231 ??OCTOBER 2021
More results

Similar Description - DLPC3426

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35045 MITSUBISHI-M35045 Datasheet
567Kb / 37P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35054 MITSUBISHI-M35054 Datasheet
266Kb / 51P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
M35060 MITSUBISHI-M35060 Datasheet
260Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35046-XXXSP RENESAS-M35046-XXXSP Datasheet
423Kb / 35P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35048-XXXFP RENESAS-M35048-XXXFP Datasheet
511Kb / 37P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com