Electronic Components Datasheet Search
  English  ▼

X  

DLPC3426 Datasheet(PDF) 21 Page - Texas Instruments

Part # DLPC3426
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3426 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC3426 Datasheet HTML 17Page - Texas Instruments DLPC3426 Datasheet HTML 18Page - Texas Instruments DLPC3426 Datasheet HTML 19Page - Texas Instruments DLPC3426 Datasheet HTML 20Page - Texas Instruments DLPC3426 Datasheet HTML 21Page - Texas Instruments DLPC3426 Datasheet HTML 22Page - Texas Instruments DLPC3426 Datasheet HTML 23Page - Texas Instruments DLPC3426 Datasheet HTML 24Page - Texas Instruments DLPC3426 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
6.13 Parallel Interface General Timing Requirements
MIN
MAX
UNIT
ƒclock
PCLK frequency
1.0
155.0
MHz
tp_clkper
PCLK period
50% reference points
6.45
1000
ns
tp_clkjit
PCLK jitter
Max ƒclock
See (1)
tp_wh
PCLK pulse duration high
50% reference points
2.43
ns
tp_wl
PCLK pulse duration low
50% reference points
2.43
ns
tp_su
Setup time – HSYNC_CS, DATAEN_CMD,
PDATA(23:0) valid before the active edge of PCLK
50% reference points
0.9
ns
tp_h
Hold time – HSYNC_CS, DATAEN_CMD,
PDATA(23:0) valid after the active edge of PCLK
50% reference points
0.9
ns
tt
Transition time – all signals
20% to 80% reference
points (rising signal)
80% to 20% reference
points (falling signal)
0.2
2.0
ns
tsetup, 3DR
This is the setup time with respect to VSYNC(2)
50% reference points
1.0
ms
thold, 3DR
This is the hold time with respect VSYNC(3)
50% reference points
1.0
ms
(1)
Calculate clock jitter (in ns) using this formula: Jitter = [1 / ƒclock – 5.76 ns]. Setup and hold times must be met even with clock jitter.
(2)
In other words, the 3DR signal must change at least 1.0 ms before VSYNC changes.
(3)
In other words, the 3DR signal must not change for at least 1.0 ms after VSYNC changes.
PCLK
tp_su
tp_h
tp_wh
tp_wl
tp_clkper
Figure 6-8. Parallel Interface Pixel Timing
6.14 Flash Interface Timing Requirements
The DLPC34xx flash memory interface consists of a SPI flash serial interface with a programmable clock rate. The
DLPC34x6 can support 1- to 128-Mb flash memories.(2) (3) (4)
MIN
MAX
UNIT
fclock
SPI_CLK frequency
See (1)
1.4
36.0
MHz
tp_clkper
SPI_CLK period
50% reference points
27.8
704
ns
tp_wh
SPI_CLK pulse duration high
50% reference points
352
ns
tp_wl
SPI_CLK pulse duration low
50% reference points
352
ns
tt
Transition time – all signals
20% to 80% reference
points (rising signal)
80% to 20% reference
points (falling signal)
0.2
3.0
ns
tp_su
Setup time – SPI_DIN valid before SPI_CLK falling edge 50% reference points
10.0
ns
tp_h
Hold time – SPI_DIN valid after SPI_CLK falling edge
50% reference points
0.0
ns
tp_clqv
SPI_CLK clock falling edge to output valid time –
SPI_DOUT and SPI_CSZ
50% reference points
1.0
ns
tp_clqx
SPI_CLK clock falling edge output hold time –
SPI_DOUT and SPI_CSZ
50% reference points
–3.0
3.0
ns
(1)
This range include the ±200 ppm of the external oscillator (but no jitter).
www.ti.com
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com