Electronic Components Datasheet Search
  English  ▼

X  

NE76084 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NE76084
Description  GaAs MES FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE76084 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NE76084 Datasheet HTML 4Page - Renesas Technology Corp NE76084 Datasheet HTML 5Page - Renesas Technology Corp NE76084 Datasheet HTML 6Page - Renesas Technology Corp NE76084 Datasheet HTML 7Page - Renesas Technology Corp NE76084 Datasheet HTML 8Page - Renesas Technology Corp NE76084 Datasheet HTML 9Page - Renesas Technology Corp NE76084 Datasheet HTML 10Page - Renesas Technology Corp NE76084 Datasheet HTML 11Page - Renesas Technology Corp NE76084 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NE76084
6
AMP. PARAMETERS
VDS = 3 V, ID = 10 mA
FREQUENCY
GUmax.
GAmax.
|S21|2
|S12|2
K
Delay
Mason’s U
G1
G2
MHz
dB
dB
dB
dB
ns
dB
dB
dB
500
33.02
9.30
–38.67
0.08
0.051
35.846
21.62
2.10
1000
27.83
9.22
–32.75
0.13
0.051
32.671
16.55
2.06
1500
24.50
9.11
–29.44
0.19
0.051
30.124
13.39
2.00
2000
21.87
8.95
–27.17
0.25
0.049
27.520
11.02
1.91
2500
20.08
8.78
–25.50
0.30
0.048
26.456
9.48
1.81
3000
18.61
8.61
–24.22
0.35
0.047
25.794
8.29
1.71
3500
17.32
8.42
–23.24
0.40
0.046
24.722
7.30
1.60
4000
16.14
8.20
–22.47
0.46
0.046
23.833
6.44
1.50
4500
15.13
7.98
–21.87
0.52
0.044
23.043
5.75
1.39
5000
14.20
7.74
–21.38
0.57
0.043
22.182
5.16
1.30
5500
13.39
7.50
–21.02
0.63
0.043
21.487
4.68
1.21
6000
12.66
7.23
–20.76
0.69
0.041
20.671
4.28
1.15
6500
12.01
6.97
–20.55
0.75
0.040
20.221
3.96
1.08
7000
11.44
6.72
–20.42
0.80
0.038
19.654
3.69
1.03
7500
10.93
6.47
–20.33
0.85
0.037
19.247
3.47
0.99
8000
10.48
6.25
–20.25
0.90
0.036
18.929
3.27
0.96
8500
10.09
6.04
–20.16
0.94
0.035
18.779
3.10
0.95
9000
9.71
5.86
–20.08
0.99
0.035
18.378
2.93
0.93
9500
9.40
11.93
5.70
–19.99
1.02
0.034
18.331
2.77
0.93
10000
9.06
11.21
5.53
–19.85
1.06
0.035
17.972
2.62
0.91
10500
8.76
10.66
5.38
–19.80
1.10
0.034
17.332
2.47
0.92
11000
8.47
10.23
5.23
–19.68
1.13
0.034
16.850
2.33
0.91
11500
8.19
9.84
5.07
–19.58
1.17
0.034
16.224
2.20
0.92
12000
7.96
9.56
4.94
–19.45
1.19
0.033
15.764
2.08
0.94
12500
7.73
9.29
4.79
–19.32
1.21
0.034
15.275
1.98
0.96
13000
7.55
9.13
4.66
–19.16
1.21
0.033
15.008
1.87
1.01
13500
7.37
8.95
4.55
–18.96
1.22
0.033
14.639
1.78
1.04
14000
7.24
8.85
4.46
–18.75
1.21
0.034
14.410
1.68
1.10
14500
7.11
8.76
4.39
–18.50
1.20
0.034
14.165
1.58
1.14
15000
7.00
8.73
4.31
–18.21
1.17
0.035
14.046
1.48
1.21
15500
6.91
8.67
4.27
–17.98
1.16
0.036
13.754
1.36
1.28
16000
6.76
8.52
4.17
–17.70
1.16
0.036
13.255
1.25
1.33
16500
6.67
8.47
4.12
–17.43
1.14
0.037
12.958
1.14
1.41
17000
6.57
8.39
4.06
–17.18
1.13
0.038
12.636
1.04
1.47
17500
6.48
8.34
3.97
–16.98
1.12
0.038
12.338
0.94
1.57
18000
6.39
8.24
3.90
–16.78
1.12
0.040
11.963
0.85
1.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com