Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI2RN Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZSSC3122AI2RN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI2RN Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZSSC3122AI2RN Datasheet HTML 26Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 27Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 28Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 29Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 30Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 31Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 32Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 33Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
30
June 8, 2018
10.6.2 SPI Features and Timing
SPI is available only as half duplex (read-only from the ZSSC3122). SPI speeds of up to 800kHz can be supported. The SPI interface can be
programmed to allow the master to sample MISO on the falling-edge or rising-edge of SCL via the SPI_Phase bit in EEPROM word Cust_Config
(see Table 12.5 for bit assignments). See Figure 10.9 for the SPI timing diagram and Table 10.10 for definitions of the parameters shown in the
timing diagram.
Figure 10.9
SPI Timing Diagram
Table 10.10 SPI Parameters
Parameter
Symbol
Min
Typ
Max
Units
SCLK clock frequency
fSCL
50
800
kHz
SS drop to first clock edge
tHDSS
2.5
s
Minimum SCLK clock low width [a])
tLOW
0.6
s
Minimum SCLK clock high width [a])
tHIGH
0.6
s
Clock edge to data transition
tCLKD
0
0.5
s
Rise of SS relative to last clock edge
tSUSS
0.1
s
Bus free time between rise and fall of SS
tBUS
2
s
[a] Combined low and high widths must equal or exceed minimum SCLK period.
10.6.3 I2C and SPI Commands
As detailed in Table 10.11, there are three types of commands that allow the user to interface with the ZSSC3122 in the I2C or SPI modes.
Table 10.11 I2C and SPI Command Types
Type
Description
Communication
Supported
Reference Sections
Data Fetch (DF)
Used to fetch data in any digital mode
I2C and SPI
Section 10.6.4
Measurement Request (MR)
Used to start measurements in Sleep Mode
I2C and SPI
Section 10.6.5
Calibration Commands
Used in Command Mode during the calibration process
I2C Only
Section 11.2
tBUS
tLOW
SCLK
MISO
SS
HiZ
Z
tHDSS
tHIGH
tCLKD
tSUSS
HiZ
tCLKD
LKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com