Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI2RN Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC3122AI2RN
Description  cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3122AI2RN Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3122AI2RN Datasheet HTML 35Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 36Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 37Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 38Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 39Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 40Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 41Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 42Page - Renesas Technology Corp ZSSC3122AI2RN Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
ZSSC3122 Datasheet
© 2018 Integrated Device Technology, Inc.
39
June 8, 2018
For all commands except EEPROM Read and Get Revision, the data fetch should be terminated after the response byte is read. If the command
was a Get Revision, then the user will fetch a one-byte Revision as shown in Figure 11.2, example 2. The revision is coded with the upper
nibble being the letter corresponding to a full layer change and the lower nibble being the metal change number, for example A0. If the command
was an EEPROM Read, then the user will fetch two more bytes as shown in Figure 11.2, example 3. If a Corrected EEPROM Error diagnostic
was flagged after an EEPROM read, the user has the option to write this data back to attempt to fix the error.
Instead of polling to determine if a command has finished executing, the user can use the Ready pin. In this case, wait for the Ready pin to rise,
which indicates that the command has executed. Then a data fetch can be performed to get the response and data (see Figure 11.2). See
section 10.6.6 for more information on the Ready pin.
Table 11.2 Response Bits
Encoding
Name
Description
00BIN
Busy
The command is busy executing.
01BIN
Positive Acknowledge
The command executed successfully.
10BIN
Negative Acknowledge
The command was not recognized or an EEPROM write was attempted while
the EEPROM was locked.
Table 11.3 Command Diagnostic Bits
Bit Position
Name
Description
2
Corrected EEPROM Error
A corrected EEPROM error occurred in execution of the last command.
3
Uncorrectable EEPROM Error
An uncorrectable EEPROM error occurred in execution of the last command.
4
RAM Parity Error
A RAM parity error occurred during a microcontroller instruction in the
execution of the last command.
5
Configuration Error
An EEPROM or RAM parity error occurred in the initial loading of the
configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com