Electronic Components Datasheet Search
  English  ▼

X  

AD1983 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 5 Page - Analog Devices

  AD1983 Datasheet HTML 1Page - Analog Devices AD1983 Datasheet HTML 2Page - Analog Devices AD1983 Datasheet HTML 3Page - Analog Devices AD1983 Datasheet HTML 4Page - Analog Devices AD1983 Datasheet HTML 5Page - Analog Devices AD1983 Datasheet HTML 6Page - Analog Devices AD1983 Datasheet HTML 7Page - Analog Devices AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD1983
Rev. 0 | Page 5 of 16
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Range
Analog
(AVDD) ±10%
4.5
5.5
V
Digital
(DVDD) ±10%
2.97
3.63
V
Power Dissipation—Analog
(AVDD)/Digital (DVDD)
165/125
mW
Analog Supply Current—Analog
(AVDD)
33
mA
Digital Supply Current—Digital
(DVDD)
38
mA
Power Supply Rejection
100 mV p-p signal @ 1 kHz
40
dB
1 RMS values assume sine wave input.
2 Guaranteed by design; not production tested.
POWER DOWN DISSIPATION
Table 2.
Parameter
DVDD
AVDD
Unit
FUNCTION NODE1
0
1.8
mA
DAC
30
26
mA
ADC
28
26
mA
MIXER
37
17
mA
1 BIT_CLK off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com