Electronic Components Datasheet Search
  English  ▼

X  

AD1983 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices AD1983 Datasheet HTML 10Page - Analog Devices AD1983 Datasheet HTML 11Page - Analog Devices AD1983 Datasheet HTML 12Page - Analog Devices AD1983 Datasheet HTML 13Page - Analog Devices AD1983 Datasheet HTML 14Page - Analog Devices AD1983 Datasheet HTML 15Page - Analog Devices AD1983 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD1983
Rev. 0 | Page 14 of 16
JACK PRESENCE DETECTION
The AD1983 uses one jack sense line for presence detection on
up to four external jacks. This enables software to determine if
there is a device plugged into a jack; then, the AD1983 sensing
engine can determine what type of device it is. Jack presence is
detected using a resistor tree arrangement outlined in the HD
Audio specification. Up to four jacks can be sensed on a single
sense line by using a different value resistor for each between
the sense line and ground (AVSS). Jacks must have normally-
open, isolated switches to use this method of jack presence
detection.
For proper operation there must be a 2.67 kΩ 1% resistor
connected between SENSE_A and AVDD. For this configuration
R1 and C1 should be installed; R2 should not be installed
(see Figure 3).
The specific resistor values for each jack are shown in Table 13.
To ensure accurate detection, use 1% tolerance resistors for all
jack presence circuitry.
Table 13. Jack Sense Mapping
SENSE_A
Resistor (1%)
Name
Port
Node ID
(Hex)
5.1 kΩ
Line Out
D
05
10.0 kΩ
Line In
C
09
20.0 kΩ
Microphone
B
08
39.2 kΩ
Headphone Out
A
06
An alternate method reduces the current for sensing by
connecting a single 2.67 kΩ 1% resistor between the SENSE_A
and SENSE_SRC pins. For this configuration R1 and C1 are not
installed; however, R2 is installed (see Figure 3).
It is recommended that designers place circuitry for both
sensing methods and only install one of the two options.
SENSE_A/SRC_B
TO JACKS FOR
PORT A THROUGH PORT D
AD1983
C1
1µF
SENSE_SRC
AVSS
22, 26
21
17, 29
9
AVDD
AVDD
R1
2.67kΩ, 1%, 1/8W
R2 (DNE)
2.67kΩ, 1%, 1/8W
Figure 3. Jack Presence Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com