Electronic Components Datasheet Search
  English  ▼

X  

AD8397ARDZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8397ARDZ
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397ARDZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8397ARDZ Datasheet HTML 4Page - Analog Devices AD8397ARDZ Datasheet HTML 5Page - Analog Devices AD8397ARDZ Datasheet HTML 6Page - Analog Devices AD8397ARDZ Datasheet HTML 7Page - Analog Devices AD8397ARDZ Datasheet HTML 8Page - Analog Devices AD8397ARDZ Datasheet HTML 9Page - Analog Devices AD8397ARDZ Datasheet HTML 10Page - Analog Devices AD8397ARDZ Datasheet HTML 11Page - Analog Devices AD8397ARDZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8397
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
100
80
60
–100
–80
–60
–40
–20
0
20
40
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
VOUT
VIN
Figure 5. Small Signal Pulse Response (G = +1, VS = ±5 V, RL = 25 Ω)
5
–1
0
1
2
3
4
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
TIME (
µs)
VIN
VOUT
Figure 6. Large Signal Pulse Response (0 V to 4 V, VS = ±5 V, RL = 25 Ω)
3.0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
6
–2
–1
0
1
2
3
4
5
0
40
80
120
160
200
240
280
320
360
400
TIME (ns)
VIN
VOUT
Figure 7. Output Overdrive Recovery
(VS = ±5 V, Gain = +2, RL = 25 Ω)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
100
FREQUENCY (MHz)
OUT 1
OUT 2
Figure 8. Common-Mode Rejection vs. Frequency
(VS = ±5 V, RL = 25 Ω)
0
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
100
FREQUENCY (MHz)
OUT 1
OUT 2
Figure 9. Output-to-Output Crosstalk vs. Frequency
(VS = ±5 V, VO = 1 V p-p, RL = 25 Ω)
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
0.1
1
10
FREQUENCY (MHz)
VO = 100mV p-p
Figure 10. 0.1 dB Flatness
(VS = ±5 V, VO = 0.1 V p-p, Gain = +1, RL = 25 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com