Electronic Components Datasheet Search
  English  ▼

X  

AD8397ARDZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8397ARDZ
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397ARDZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8397ARDZ Datasheet HTML 7Page - Analog Devices AD8397ARDZ Datasheet HTML 8Page - Analog Devices AD8397ARDZ Datasheet HTML 9Page - Analog Devices AD8397ARDZ Datasheet HTML 10Page - Analog Devices AD8397ARDZ Datasheet HTML 11Page - Analog Devices AD8397ARDZ Datasheet HTML 12Page - Analog Devices AD8397ARDZ Datasheet HTML 13Page - Analog Devices AD8397ARDZ Datasheet HTML 14Page - Analog Devices AD8397ARDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8397
Rev. 0 | Page 11 of 16
GENERAL DESCRIPTION
The AD8397 is a voltage feedback operational amplifier which
features an H-bridge input stage and common-emitter, rail-to-
rail output stage. The AD8397 can operate from a wide supply
range, ±1.5 V to ±12 V. When driving light loads, the rail-to-rail
output is capable of swinging to within 0.2 V of either rail. The
output can also deliver high linear output current when driving
heavy loads, up to 310 mA into 32 Ω while maintaining −80 dBc
SFDR. The AD8397 is fabricated on Analog Devices’ proprietary
eXtra Fast Complementary Bipolar High Voltage process
(XFCB-HV).
POWER SUPPLY AND DECOUPLING
The AD8397 can be powered with a good quality, well-
regulated, low noise supply from ±1.5 V to ±12 V. Careful
attention should be paid to decoupling the power supply. High
quality capacitors with low equivalent series resistance (ESR),
such as multilayer ceramic capacitors (MLCCs), should be used
to minimize the supply voltage ripple and power dissipation. A
0.1 µF MLCC decoupling capacitor(s) should be located no
more than 1/8 inch away from the power supply pin(s). A large
tantalum 10 µF to 47 µF capacitor is recommended to provide
good decoupling for lower frequency signals and to supply
current for fast, large signal changes at the AD8397 outputs.
LAYOUT CONSIDERATIONS
As with all high speed applications, careful attention should be
paid to printed circuit board (PCB) layout in order to prevent
associated board parasitics from becoming problematic. The
PCB should have a low impedance return path (or ground) to
the supply. Removing the ground plane from all layers in the
immediate area of the amplifier helps to reduce stray capacitan-
ces. The signal routing should be short and direct in order to
minimize the parasitic inductance and capacitance associated
with these traces. Termination resistors and loads should be
located as close as possible to their respective inputs and
outputs. Input traces should be kept as far apart as possible
from the output traces to minimize coupling (crosstalk) though
the board.
When the AD8397 is configured as a differential driver, as in
some line driving applications, a symmetrical layout should be
provided to the extent possible in order to maximize balanced
performance. When running differential signals over a long
distance, the traces on the PCB should be close together or
any differential wiring should be twisted together to minimize
the area of the inductive loop that is formed. This reduces the
radiated energy and makes the circuit less susceptible to RF
interference. Adherence to stripline design techniques for
long signal traces (greater than approximately 1 inch) is
recommended.
UNITY-GAIN OUTPUT SWING
When operating the AD8397 in a unity-gain configuration,
the output does not swing to the rails and is constrained by
the H-bridge input. This can be seen by comparing the output
overdrive recovery in Figure 7 and the input overdrive recovery
in Figure 22. To avoid overdriving the input and to realize the
full swing afforded by the rail-to-rail output stage, the amplifier
should be used in a gain of two or greater.
INPUT
OUTPUT
7
–1
0
1
0
80
160
240
320
400
TIME (ns)
480
560
640
720
800
2
3
4
5
6
Figure 22. Unity-Gain Input Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com