Electronic Components Datasheet Search
  English  ▼

X  

DS33R41 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS33R41
Description  Inverse-Multiplexing Ethernet Mapper with Quad Integrated T1/E1/J1 Transceivers
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS33R41 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS33R41 Datasheet HTML 9Page - Maxim Integrated Products DS33R41 Datasheet HTML 10Page - Maxim Integrated Products DS33R41 Datasheet HTML 11Page - Maxim Integrated Products DS33R41 Datasheet HTML 12Page - Maxim Integrated Products DS33R41 Datasheet HTML 13Page - Maxim Integrated Products DS33R41 Datasheet HTML 14Page - Maxim Integrated Products DS33R41 Datasheet HTML 15Page - Maxim Integrated Products DS33R41 Datasheet HTML 16Page - Maxim Integrated Products DS33R41 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 333 page
background image
DS33R41 Inverse-Multiplexing Ethernet Mapper with Quad Integrated T1/E1/J1 Transceivers
13 of 333
2.6 Additional HDLC Controllers in the Integrated T1/E1/J1 Transceiver
•
Two additional independent HDLC controllers
•
Fast load and unload features for FIFOs
•
SS7 support for FISU transmit and receive
•
Independent 128-byte Rx and Tx buffers with interrupt support
•
Access FDL, Sa, or single/multiple DS0 channels
•
DS0 access includes Nx64 or Nx56
•
Compatible with polled or interrupt driven environments
•
Bit-oriented code (BOC) support
2.7 Committed Information Rate (CIR) Controllers
•
CIR controller limits transmission of data from the Ethernet Interface to the serial interface
•
CIR granularity at 512kbps
•
CIR Averaging for smoothing traffic peaks
2.8 SDRAM Interface
•
Interface for 128Mbit, 32-bit wide SDRAM
•
SDRAM Interface speed up to 100MHz
•
Auto refresh timing
•
Automatic precharge
•
Master clock provided to the SDRAM
•
No external components required for SDRAM connectivity
2.9 T1/E1/J1 Framer
•
Fully independent transmit and receive functionality
•
Full receive- and transmit-path transparency
•
T1 framing formats include D4, ESF, J1-D4, J1-ESF and SLC-96
•
Japanese J1 support for CRC6 and yellow alarm
•
E1 framing formats include FAS, CAS, and CRC-4
•
Detailed alarm- and status-reporting with optional interrupt support
•
Large path- and line-error counters for:
•
T1—BPV, CV, CRC6, and framing bit errors
•
E1—BPV, CV, CRC-4, E-bit, and frame alignment errors
•
Timed or manual update modes
•
User-defined Idle Code Generation on a per-channel basis in both transmit and receive paths
•
Digital milliwatt code generation on the receive path
•
ANSI T1.403-1998 support
•
G.965 V5.2 link detect
•
RAI-CI, AIS-CI detection and generation
•
Ability to monitor one DS0 channel in both the transmit and receive paths
•
Three independent, In-band repeating-pattern generators and detectors
•
Patterns from 1 bit to 8 bits or 16 bits in length
•
RCL, RLOS, RRA, and RAIS alarms interrupt on change of state
•
Flexible signaling support
•
Software- or hardware-based
•
Interrupt generated on change of signaling data
•
Receive-signaling freeze on loss of sync, carrier loss, or frame slip
•
Hardware pins to indicate carrier loss and signaling freeze
•
Automatic RAI generation to ETS 300 011 specifications
•
Expanded access to Sa and Si bits
•
Option to extend carrier-loss criteria to a 1ms period as per ETS 300 233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com