Electronic Components Datasheet Search
  English  ▼

X  

DS33R41 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS33R41
Description  Inverse-Multiplexing Ethernet Mapper with Quad Integrated T1/E1/J1 Transceivers
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS33R41 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS33R41 Datasheet HTML 35Page - Maxim Integrated Products DS33R41 Datasheet HTML 36Page - Maxim Integrated Products DS33R41 Datasheet HTML 37Page - Maxim Integrated Products DS33R41 Datasheet HTML 38Page - Maxim Integrated Products DS33R41 Datasheet HTML 39Page - Maxim Integrated Products DS33R41 Datasheet HTML 40Page - Maxim Integrated Products DS33R41 Datasheet HTML 41Page - Maxim Integrated Products DS33R41 Datasheet HTML 42Page - Maxim Integrated Products DS33R41 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 333 page
background image
DS33R41 Inverse-Multiplexing Ethernet Mapper with Quad Integrated T1/E1/J1 Transceivers
39 of 333
9.1.1 Serial Interface Clock Modes
The Serial Interface timing is determined by the line clocks. 8.192MHz is the required clock rate for interfacing the
IBO bus to Dallas Semiconductor Framers and Single-Chip Transceivers. Both the transmit and receive clocks
(TCLKE and RCLKI) are inputs.
9.1.2 Ethernet Interface Clock Modes
The Ethernet PHY interface has several different clocking requirements, depending on the mode of operation. The
user has the option of using the internally generated REF_CLKO output to simplify the system design. Table 9-1
outlines the possible clocking modes for the Ethernet Interface. The buffered REF_CLKO output is generated by
division of the 100MHz system clock input by the user on SYSCLKI. The frequency of the REF_CLKO pin is
automatically determined by the DS33R41 based on the state of the RMIIMIIS pin. The REF_CLKO output can be
used as a REF_CLK for the Ethernet Interface by connecting REF_CLKO to REF_CLK. The REF_CLKO function
can be turned off with the GL.CR1.RFOO bit.
In RMII mode, receive and transmit timing is always synchronous to a 50MHz clock input on the REF_CLK pin.
The source of REF_CLK is expected to be the external PHY. The user has the option of using the 50MHz
REF_CLKO output as the timing source for the PHY. More information on RMII mode can be found in Section
9.13.2.
While using MII mode with DTE operation, the MII clocks (RX_CLK and TX_CLK) are inputs that are expected to
be provided by the external PHY. While using MII mode with DCE operation, the MII clocks (TX_CLK and
RX_CLK) are output by the DS33R41, and are derived from the 25MHz REF_CLK input. Any 25MHz reference
may be used, but the user may choose to use the REF_CLKO output to avoid adding another system clock. More
information on MII mode can be found in Section 9.13.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com