Electronic Components Datasheet Search
  English  ▼

X  

BC857CF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC857CF
Description  PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC857CF Datasheet(HTML) 5 Page - NXP Semiconductors

  BC857CF Datasheet HTML 1Page - NXP Semiconductors BC857CF Datasheet HTML 2Page - NXP Semiconductors BC857CF Datasheet HTML 3Page - NXP Semiconductors BC857CF Datasheet HTML 4Page - NXP Semiconductors BC857CF Datasheet HTML 5Page - NXP Semiconductors BC857CF Datasheet HTML 6Page - NXP Semiconductors BC857CF Datasheet HTML 7Page - NXP Semiconductors BC857CF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 May 21
5
Philips Semiconductors
Preliminary specification
PNP general purpose transistors
BC856F; BC857F; BC858F series
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
HE
Lp
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
98-10-23
IEC
JEDEC
EIAJ
mm
0.33
0.23
0.2
0.1
1.7
1.5
0.95
0.75
0.5
e
1.0
1.7
1.5
0.1
0.1
DIMENSIONS (mm are the original dimensions)
0.5
0.3
SOT490
SC-89
bp
D
e1
e
A
Lp
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
0.8
0.6
c
X
12
3
Plastic surface mounted package; 3 leads
SOT490



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com