Electronic Components Datasheet Search
  English  ▼

X  

BC857CF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC857CF
Description  PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC857CF Datasheet(HTML) 4 Page - NXP Semiconductors

  BC857CF Datasheet HTML 1Page - NXP Semiconductors BC857CF Datasheet HTML 2Page - NXP Semiconductors BC857CF Datasheet HTML 3Page - NXP Semiconductors BC857CF Datasheet HTML 4Page - NXP Semiconductors BC857CF Datasheet HTML 5Page - NXP Semiconductors BC857CF Datasheet HTML 6Page - NXP Semiconductors BC857CF Datasheet HTML 7Page - NXP Semiconductors BC857CF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 21
4
Philips Semiconductors
Preliminary specification
PNP general purpose transistors
BC856F; BC857F; BC858F series
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−15
nA
IE = 0; VCB = −30 V; Tj = 150 °C
−−5
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−100
nA
hFE
DC current gain
IC = −2 mA; VCE = −5V
BC856AF; BC857AF; BC858AF
125
250
BC856BF; BC857BF; BC858BF
220
475
BC857CF; BC858CF
420
800
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−−200
mV
IC = −100 mA; IB = −5 mA; note 1
−−400
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5V
−600
−750
mV
IC = −10 mA; VCE = −5V
−−820
mV
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
2.5
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz
100
−
MHz
F
noise figure
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 1 kHz; B = 220 Hz
−
10
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com