Electronic Components Datasheet Search
  English  ▼

X  

MAX9178 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9178
Description  Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9178 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9178 Datasheet HTML 1Page - Maxim Integrated Products MAX9178 Datasheet HTML 2Page - Maxim Integrated Products MAX9178 Datasheet HTML 3Page - Maxim Integrated Products MAX9178 Datasheet HTML 4Page - Maxim Integrated Products MAX9178 Datasheet HTML 5Page - Maxim Integrated Products MAX9178 Datasheet HTML 6Page - Maxim Integrated Products MAX9178 Datasheet HTML 7Page - Maxim Integrated Products MAX9178 Datasheet HTML 8Page - Maxim Integrated Products MAX9178 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Quad LVDS Line Driver with High-ESD
Tolerance and Flow-Through Pinout
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 100
Ω ±1%, IN_ = high or low, EN = high, EN = low, TA = -40°C to +85°C. Typical values are at VCC =
+3.3V, TA = +25°C, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
IN_, EN, EN to GND....................................-1.4V to (VCC + 1.4V)
OUT_ to GND ........................................................-0.3V to +4.0V
Short-Circuit Duration (OUT_) ....................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 9.4mW/oC above +70°C) .........755mW
16-Pin QFN (derate 16.9mW/oC above +70°C) .........1349mW
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
ESD Protection
Human Body Model
All Pins to GND ............................................................
±2kV
OUT_ ............................................................................
±2kV
IEC 61000-4-2 Level 4
Contact Discharge (OUT_)...............................................
±8kV
Air Discharge (OUT_) .....................................................
±15kV
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS OUTPUTS (OUT_+, OUT_-)
Differential Output Voltage
VOD
Figure 1
250
368
450
mV
Change in Magnitude of VOD
Between Complementary Output
States
∆VOD
Figure 1
0.3
25
mV
Offset Voltage
VOS
Figure 1
1.125
1.28
1.375
V
Change in Magnitude of VOS
Between Complementary Output
States
∆VOS
Figure 1
0.3
25
mV
Output High Voltage
VOH
Figure 1
1.6
V
Output Low Voltage
VOL
Figure 1
0.90
V
Unterminated Output High
Voltage
VOHUT
Output open, Figure 6
1.9
V
Unterminated Output Low
Voltage
VOLUT
Output open, Figure 6
0.1
V
Differential Output Short-Circuit
Current Magnitude
IOSD
VOD = 0 (Note 3)
9
mA
Output Short-Circuit Current
IOS
OUT_+ = 0 at IN_ = high,
or OUT_- = 0 at IN_ = low
-9
mA
Output High-Impedance Current
IOZ
EN = low and EN = high,
OUT_ = 0 or VCC, no load
-0.5
±0.002
+0.5
µA
Power-Off Output Current
IOFF
VCC, IN_, EN, EN = 0 or open, OUT_ = 0 or
3.6V, no load
-0.5
±0.001
+0.5
µA
INPUTS (IN_, EN,
EN)
High-Level Input Voltage
VIH
2.0
VCC + 1
V
Low-Level Input Voltage
VIL
-1.0
+0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com